Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMF/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 30Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 31Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 32Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 33Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 34Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
x
=
R ¸
¹
·
VO
¨
©
§
¨
©
§ D
D'
¸
¹
·
IL1
=
and
L2
I
x
L1
I
D
¸
¹
·
¨
©
§
'
D
D =
O
V
O
V +
IN
V
Vo
VIN
=
D'
D
VO
VIN
L1
D1
C1
C2
R2
R1
C3
R3
C5
C4
L2
C6
1
2
3
6
5
4
LM2735
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
8.2.18 SEPIC Converter
Figure 39. SEPIC Converter Schematic
8.2.18.1 Detailed Design Procedure
The LM2735 can easily be converted into a SEPIC converter. A SEPIC converter has the ability to regulate an
output voltage that is either larger or smaller in magnitude than the input voltage. Other converters have this
ability as well (CUK and Buck-Boost), but usually create an output voltage that is opposite in polarity to the input
voltage. This topology is a perfect fit for Lithium Ion battery applications where the input voltage for a single-cell
Li-Ion battery will vary from 3 V to 4.5 V and the output voltage is somewhere in-between. Most of the analysis of
the LM2735 Boost Converter is applicable to the LM2735 SEPIC Converter.
8.2.18.1.1
SEPIC Design Guide
SEPIC Conversion ratio without loss elements:
(17)
Therefore:
(18)
8.2.18.1.2
Small Ripple Approximation
In a well-designed SEPIC converter, the output voltage, input voltage ripple, and inductor ripple is small in
comparison to the DC magnitude. Therefore, it is a safe approximation to assume a DC value for these
components. The main objective of the Steady State Analysis is to determine the steady state duty-cycle, voltage
and current stresses on all components, and proper values for all components.
In a steady-state converter, the net volt-seconds across an inductor after one cycle will equal zero. Also, the
charge into a capacitor will equal the charge out of a capacitor in one cycle.
Therefore:
(19)
34
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com