Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMF/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
L
t
L
i
L
i

S
T
S
DT
( )
t
L
I
L
VIN
V
V
OUT
IN -
K
=
c
D
VOUT
VIN
D =
VOUT - IN
V
OUT
V
- D
1
1
1
=
c
D
=
VOUT
VIN
¸
¹
·
¨
©
§
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Typical Applications (continued)
8.2.1.2 Detailed Design Procedure
Table 1. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735XMF
C1, Input Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C2 Output Capacitor
10 µF, 25 V, X5R
TDK
C3216X5R1E106M
C3 Comp Capacitor
330 pF
TDK
C1608X5R1H331K
D1, Catch Diode
0.4 Vf Schottky 1 A, 20 VR
ST
STPS120M
L1
15 µH 1.5 A
Coilcraft
MSS5131-153ML
R1
10.2 k
Ω, 1%
Vishay
CRCW06031022F
R2
86.6 k
Ω, 1%
Vishay
CRCW06038662F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
8.2.1.2.1
Inductor Selection
The duty cycle (D) can be approximated quickly using the ratio of output voltage (VO) to input voltage (VIN):
(8)
Therefore:
(9)
Power losses due to the diode (D1) forward voltage drop, the voltage drop across the internal NMOS switch, the
voltage drop across the inductor resistance (RDCR), and switching losses must be included to calculate a more
accurate duty cycle (see Calculating Efficiency, and Junction Temperature for a detailed explanation). A more
accurate formula for calculating the conversion ratio is:
where
•
η equals the efficiency of the LM2735 application.
(10)
The inductor value determines the input ripple current. Lower inductor values decrease the size of the inductor,
but increase the input ripple current. An increase in the inductor value will decrease the input ripple current.
Figure 19. Inductor Current
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com