Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735XMF/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 46Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
=
RDCR
I
2
O
¸
¸
¹
·
D'
¨
¨
©
§
P
IND
R
¸
¸
¸
¸
¸
¹
·
¨
¨
¨
¨
¨
©
§
+
)
(
DCR
R
c
OUT
2
D
+
1
DSON
x R
D
x D
V
c
D
IN
V
-
1
K|
=
R
¸
¸
¸
¸
¸
¹
·
¨
¨
¨
¨
¨
©
§
+
)
(
DCR
R
c
OUT
2
D
+
1
DSON
x R
D
x D
V
c
D
IN
V
-
1
c
D
OUT
V
IN
V
K=
=
K
c
D
OUT
V
IN
V
=
1
?
D
OUT
V
IN
V
=
R
¸
¸
¸
¸
¸
¹
·
¨
¨
¨
¨
¨
©
§
1
+
)
(
DCR
R
c
OUT
2
D
+
1
DSON
x R
D
x D
V
c
D
IN
V
-
1
¸
¸
¹
·
¨
¨
©
§
1
c
D
OUT
V
IN
V
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Thermal Considerations (continued)
Conversion ratio of the boost converter with conduction loss elements inserted:
(32)
If the loss elements are reduced to zero, the conversion ratio simplifies to:
(33)
And this is known:
(34)
Therefore:
(35)
Calculations for determining the most significant power losses are discussed below. Other losses totaling less
than 2% are not discussed.
A simple efficiency calculation that takes into account the conduction losses is shown below:
(36)
The diode, NMOS switch, and inductor DCR losses are included in this calculation. Setting any loss element to
zero will simplify the equation.
VD is the forward voltage drop across the Schottky diode. It can be obtained from the manufacturer’s Electrical
Characteristics section of the data sheet.
The conduction losses in the diode are calculated as follows:
PDIODE = VD × IO
(37)
Depending on the duty cycle, this can be the single most significant power loss in the circuit. Care should be
taken to choose a diode that has a low forward voltage drop. Another concern with diode selection is reverse
leakage current. Depending on the ambient temperature and the reverse voltage across the diode, the current
being drawn from the output to the NMOS switch during time D could be significant, this may increase losses
internal to the LM2735 and reduce the overall efficiency of the application. Refer to Schottky diode
manufacturer’s data sheets for reverse leakage specifications, and typical applications within this data sheet for
diode selections.
Another significant external power loss is the conduction loss in the input inductor. The power loss within the
inductor can be simplified to:
PIND = IIN
2R
DCR
(38)
(39)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com