Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02L-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCT02L-S14-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02L-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RCT02L-S14-R Datasheet HTML 1Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 2Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 3Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 4Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 5Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 6Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 7Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 8Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-002. D
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin Name
Description
1
RIGHTB
The rightward function will be selected, if this pin is connected to GND
2
TESTB
This pin is used for testing mode
3
GND
Negative power supply
4
BACKWARDB
The backward function will be selected, if this pin is connected to GND
5
FORWARDB
The forward function will be selected, if this pin is connected to GND
6
TURBOB
The turbo function will be selected, if this pin is connected to GND
7
SC
Output pin of the encoding signal with carrier frequency
8
SO
Output pin of the encoding signal without carrier frequency
9
VDD
Positive power supply
10
PC
Power control output pin
11
OSCO
Oscillator output pin
12
OSCI
Oscillator input pin
13
OFF
This pin is used to shut down the external power supply
14
LEFTB
The leftward function will be selected, if this pin is connected to GND
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com