Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCT02L-S14-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  RCT02L-S14-R Datasheet HTML 1Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 2Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 3Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 4Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 5Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 6Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 7Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 8Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-002. D
CODE FORMAT (W1 is used for function codes, W2 for start codes)
W1
W1: 1KHz 50% Duty Cycle Typical
W2
W2:500Hz 75% Duty Cycle Typical
WORD FORMAT
Start Code: 4W2
Function Code:n ' W1
1Word
ENCODING TIMING
W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’ W1 W2 W2 W2 W2 (n)’W1- - - - - - - -
Press any
buttons
Encoding
output
1st word 2nd word
Function
Codes
End Codes
last word
1
2
3
14 15
Number of Function Codes (n) W1
Function Buttons
4
(End Code)
10
Forward
16
Forward & Turbo
22
Turbo
28
(Turbo/Forward) & Left
34
(Turbo/Forward) & Right
40
Backward
46
Backward & Right
52
Backward & Left
58
Left
64
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com