Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02L-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCT02L-S14-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02L-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  RCT02L-S14-R Datasheet HTML 1Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 2Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 3Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 4Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 5Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 6Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 7Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 8Page - Unisonic Technologies RCT02L-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R502-002. D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
DC Input Voltage
VIN
-0.5 ~ +5.5
V
Supply Voltage to Ground Potential (Inputs &VDD Only)
-0.5 ~ +5.5
V
Supply Voltage to Ground Potential (Outputs & D/O Only)
-0.5 ~ +5.5
V
DC Output Current
IOUT
20
mA
Power Dissipation
PD
500
mW
Ambient Temperature With Power Applied
TA
-10 ~ +40
C
Storage Temperature
TSTG
-25 ~ +85
C
DC ELECTRICAL CHARACTERISTICS
(Over the operating rating, TA = -10C~ +40C, VDD=4.0V ± 10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Operating Voltage
VDD
2.5
4.0
5.0
V
Input Low Voltage
VIL
Guaranteed Logic Low Level
0.5
V
Output High Voltage
VOH
IOUT =1.0mA
3.5
V
Output Low Voltage
VOL
IOUT =150μA
0.5
V
Output High Current
IOH
VOUT =1.4V
-4.0
mA
Supply Current
IDD
Output unloaded
300
μA
Standby Current
ISTB
OFF state
10
μA
Input Current
IIN
Pin 1,4,5,6,14
60
μA
Output Low Current
IOL
VOUT =0.5V
150
μA
AC ELECTRICAL CHARACTERISTICS
(Over the operating rating, TA = -10C ~ +40C, VDD= 4.0V ± 10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Oscillator Frequency
(Note 1)
FOSC
TA=25C, R=200KΩ
102
128
154
KHz
Carrier Frequency of SC Pin
FCSC
FOSC=102 ~ 154KHz
51
64
77
KHz
Time of Auto-Power-Off
(Note 2)
TOFF*
FOSC=102 ~ 154KHz
3.2
4
4.8
min.
Cycle Time of Function Code
TFUN
FOSC=102 ~ 154KHz
0.8
1
1.2
ms
Cycle Time of Start Code
TSTA
FOSC=102 ~ 154KHz
1.6
2.1
2.4
ms
Note: 1. The relative error between the frequencies of the two on-chip oscillators in the UTC RCT02 and UTC
RCR02 must be less than ± 25%.
2. When adjust the external oscillator resistor, the auto-power-off time will vary relevantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com