Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1T53 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3L1T53_15 Datasheet HTML 1Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 2Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
4 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Fig 5.
Pin configuration SOT902-2 (XQFN8)
001aaj538
E
Y1
Z
GND
Y0
S
Transparent top view
3
6
1
5
7
2
terminal 1
index area
NX3L1T53
Table 3.
Pin description
Symbol
Pin
Description
SOT833-1 and SOT996-2
SOT902-2
Z
1
7
common output or input
E
2
6
enable input (active LOW)
GND
3
5
ground (0 V)
GND
4
4
ground (0 V)
S
5
3
select input
Y1
6
2
independent input or output
Y0
7
1
independent input or output
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Channel on
S
E
L
L
Y0 to Z or Z to Y0
H
L
Y1 to Z or Z to Y1
X
H
switch off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com