Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1T53 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3L1T53_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
7 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
11.1 Test circuits
11.2 ON resistance
VI =0.3V orVCC  0.3 V; VO =VCC  0.3 V or 0.3 V.
Fig 6.
Test circuit for measuring OFF-state leakage current
VO
IS
001aad390
S
Z
E
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIH
VIH
E
VI
VIL or VIH
VIH
VI =0.3V orVCC  0.3 V; VO = open circuit.
Fig 7.
Test circuit for measuring ON-state leakage current
IS
001aad391
S
Z
E
Y0
Y1
VCC
GND
VI
VIL or VIH
VIL
switch
1
2VIH
VIL
S
VIL
VIL
E
VO
switch
1
2
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 9 to Figure 15.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak)
VI =GND to VCC;
ISW = 100 mA;
see Figure 8
VCC = 1.4 V
-
1.6
3.7
-
4.1
VCC = 1.65 V
-
1.0
1.6
-
1.7
VCC = 2.3 V
-
0.55
0.8
-
0.9
VCC =2.7 V
-
0.5
0.75
-
0.9
VCC =4.3 V
-
0.5
0.75
-
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com