Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1T53 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button NX3L1T53_15 Datasheet HTML 16Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 17Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 18Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 19Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 20Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 21Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 22Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 23Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
20 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
Fig 27. Package outline SOT902-2 (XQFN8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT902-2
- - -
MO-255
- - -
sot902-2_po
10-11-02
11-03-31
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
1.65
1.60
1.55
1.65
1.60
1.55
0.55
0.5
0.15
0.10
0.05
0.1
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
XQFN8: plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.6 x 1.6 x 0.5 mm
SOT902-2
A1
b
0.25
0.20
0.15
DE
e
e1
L
0.35
0.30
0.25
L1
vw
0.05
yy1
0.05
0
1
2 mm
scale
terminal 1
index area
B
A
D
E
X
C
y
C
y1
terminal 1
index area
3
L
L1
b
e1
e
A
C
B
v
C
w
2
1
5
6
7
metal area
not for soldering
8
4
A1
A
detail X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com