Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100PS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 4 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
4 / 13
003aad702
10- 1
1
10
102
103
1
10
102
103
VDS (V)
ID
(A)
DC
Limit RDSon = VDS / ID
100 ms
10 ms
1 ms
100
µs
tp=10 µs
Fig. 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 4
-
0.3
0.49
K/W
003aad684
single shot
0.2
0.1
0.05
0.02
10- 1
1
1
tp (s)
Zth
(K/W)
10- 2
10- 3
10- 6
10- 5
10- 4
10- 3
10- 2
10- 1
δ = 0.5
tp
tp
T
P
t
T
δ =
Fig. 4. Transient thermal impedance from junction to mounting base as a function of pulse duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com