Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100PS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors 100PS Datasheet HTML 10Page - NXP Semiconductors 100PS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
7 / 13
Tj (°C)
- 60
180
120
0
60
003aad280
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
Fig. 9. Gate-source threshold voltage as a function of
junction temperature
003aad774
0
0.8
1.6
2.4
3.2
-60
0
60
120
180
Tj (°C)
a
Fig. 10. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aad688
0
2
4
6
8
10
4
8
12
16
20
VGS (V)
RDSon
(mΩ)
Fig. 11. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aad689
2
4
6
8
10
0
20
40
60
80
100
ID (A)
RDSon
VGS (V) = 4.5
5
15
8
5.5
10
6
(mΩ)
Fig. 12. Drain-source on-state resistance as a function
of drain current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com