Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100PS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 3 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
3 / 13
Symbol
Parameter
Conditions
Min
Max
Unit
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
539
A
Ptot
total power dissipation
Tmb = 25 °C; Fig. 2
-
306
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
[1]
-
100
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
539
A
Avalanche Ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS = 10 V; Tj(init) = 25 °C; ID = 100 A;
Vsup ≤ 100 V; RGS = 50 Ω; unclamped
-
469
mJ
[1] Continious current limited by package.
003aad683
0
50
100
150
0
50
100
150
200
Tmb (°C)
ID
(A)
(1)
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com