Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35061 Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
33
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Symbol
VDD
VIH
VIL
VCVIN
VOSCIN
fOSCIN
Supply voltage
“H” level input voltage AC, CS, SCK, AD0 to AD7
“L” level input voltage AC, CS, SCK, AD0 to AD7
Composite video input voltage CVIN
Input voltage OSCIN
Oscillation frequency for synchronous signal
(Duty 40~60%)
Parameter
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = – 20°C to +70°C unless otherwise noted)
Unit
V
V
V
mW
°C
°C
Unit
V
V
V
V
V
MHz
Min.
4.75
0.8 ! VDD
0
—
0.3 VP-P
—
Typ.
5.00
VDD
0
2 VP-P
—
3.580
4.434
3.576
Max.
5.25
VDD
0.2 ! VDD
—
4.0 VP-P
—
Limits
Conditions
With respect to VSS.
Ta = 25°C
Ratings
– 0.3 to 6.0
VSS – 0.3 < VI < VDD + 0.3
VSS < VO < VDD
300
– 20 to 70
– 40 to 125
RECOMMENDED OPERATIONAL CONDITIONS (VDD = 5.00 V, Ta = – 20°C to +70°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS
Symbol
VDD
IDD
VOH
VOL
RI
Supply voltage
Supply current
“H” level output voltage P0 to P5
“L” level output voltage P0 to P5
Pull-up resistance AC
Parameter
Unit
V
mV
V
V
k
Ω
Ta = – 20°C to +70°C
VDD = 5.00 V
VDD = 4.75, IOH = – 0.2 mA
VDD = 4.75, IOL = 0.2 mA
VDD = 5.00 V
Test conditions
Min.
4.75
—
3.75
—
10
Typ.
5.00
25
—
—
30
Max.
5.25
50
—
0.4
100
Limits
VIDEO SIGNAL INPUT CONDITIONS (VDD = 5.00 V, Ta = – 20°C to +70°C)
Symbol
VIN-CU
Composite video signal input clamp voltage
Parameter
Unit
Sync-chip voltage
Test conditions
Min.
—
Typ.
1.5
Max.
—
Limits
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com