Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35061 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
Sync
Pedestal
Color Burst
Black
Red-2
Green-2
Yellow
Gray
Yellow-2
Cyan
White
Color name
NTSC
—
—
0
—
7 /16 ± 2 /16
27 /16 ± 2 /16
/16 ± 2 /16
—
/16 ± 2 /16
23 /16 ± 2 /16
—
PAL
—
—
±4 /16
—
± 7 /16 ± 2 /16
5 /16 ± 2 /16
± /16 ± 2 /16
—
± /16 ± 2 /16
9 /16 ± 2 /16
—
Phase (rad)
Luminance level (V)
Chroma amplitude (vs. color burst)
Min.
1.3
1.9
1.9
2.1
2.6
3.1
3.1
2.8
3.2
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.8
3.3
3.3
3.0
3.4
3.1
3.3
Max.
1.7
2.3
2.3
2.5
3.0
3.5
3.5
3.2
3.6
3.3
3.5
Min.
—
—
—
—
1.5
0.5
1.0
—
0.4
1.5
—
Typ.
—
—
1.0
—
2.0
1.0
2.0
—
0.8
3.0
—
Max.
—
—
—
—
3.0
1.5
3.0
—
1.2
4.5
—
Table 8 Video signal level (SELCOR = 1)
DISPLAY FORMS
1. Blanking mode
Display forms are shown in Table 9, display forms at each display
mode are shown in Fig. 3.
Table 9 Display forms
Character
Border
Matrix-outline
Halftone
Display mode
BLNK output
Character size
Border size
All blanking
Blanking OFF
DSP1 XX
(Address 2AC16)
0
0
1
1
DSP0 XX
(Address 2AB16)
0
1
0
1
Fig. 3 Display forms at each display mode
Scanning
(1)Character size
BLNK
R,G,B
YM
CVIDEO
(Internal sync)
12 dots
a: External display
signal
b: Background color
c: Character color
aa
(External sync)
c
b
c
b
13
dots
L
(2)Border size
12 dots
aa
c
b
c
b
(4)Halftone size
14 dots
c
b
c
b
bb
(3)Matrix-outline size
14 dots
c
b
c
b
bb
L
aa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com