Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35061 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35061
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35061 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35061 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35061 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
MITSUBISHI MICROCOMPUTERS
M35061-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Interlace
Noninterlace
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
EX
SCOR
SELCOR
—
DSPON
DSPONV
—
BLK
SEPV0
SEPV1
TEST15
TEST16
PALH
MPAL
____
PAL/NTSC
___
INT/NON
(9) Address 2B016
Status
DA
Register
Contents
Function
Remarks
External synchronization
Internal synchronization
Superimpose black and white display
Superimpose coloring display
Normal
Mode of expansion
Must be cleared to 0.
Digital output display OFF
Digital output display ON
Composite video output display OFF
Composite video output display ON
Must be cleared to 0.
Matrix outline
Matrix outline + border (border color is black)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Test mode (Must be cleared to 0.)
Interlace/noninterlace normal mode
Interlace/noninterlace expansion mode
MPAL
0
1
0
1
Format
NTSC
M-PAL
PAL
Setting disabled
PAL/NTSC
0
0
1
1
Refer to Table 3, 4, 7 and 8.
Only at register “DSP1XX”
= 1 (XX = 00 to 16) is valid.
Method of sync separation from composite video.
Valid at only PAL and MPAL
mode.
SEPV1
0
0
1
1
SEPV0
0
1
0
1
Composite Sync Spearation Function
Separation is performed during 1 in vertical blanking period
Separation is performed during 2 in vertical blanking period
Separation is performed during 3 in vertical blanking period
Setting disabled
Case 1 condition: vertical sync must repeat 2X
within 2 or 3; indicates this area.
2
3
1
(Note 1)
Valid at only register “EX”=0 (at exter-
nal synchronous) (Note 2, 3 and 4)
Notes 1: For internal synchronization, shut out (mute) the external video signal input, outside the IC. This avoids external video signal leaks
inside the IC.
2: For superimposed color displays, input an fsc signal which is synchronized with the color burst of the composite video signal (input to
the CVIN pin) to the OSCIN pin.
3: When EX (address 2B016) = “1” (internal synchronization), set the SCOR register to “0”.
4: When using a crystal oscillator (for the fsc input) between the OSCIN and OSCOUT pin, set the SCOR register to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com