Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F080 Datasheet(PDF) 22 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 22 Page - Macronix International

Back Button MX29F080 Datasheet HTML 18Page - Macronix International MX29F080 Datasheet HTML 19Page - Macronix International MX29F080 Datasheet HTML 20Page - Macronix International MX29F080 Datasheet HTML 21Page - Macronix International MX29F080 Datasheet HTML 22Page - Macronix International MX29F080 Datasheet HTML 23Page - Macronix International MX29F080 Datasheet HTML 24Page - Macronix International MX29F080 Datasheet HTML 25Page - Macronix International MX29F080 Datasheet HTML 26Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
Block data indicated by A16 to A19 are erased. External
erase verify is not required because data are erased
automatically by internal control circuit. Erasure comple-
tion can be verified by DATA polling and toggle bit
checking after automatic erase starts. Device outputs 0
during erasure and 1 after erasure on Q7.(Q6 is for toggle
bit; see toggle bit, DATA polling, timing waveform)
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
AUTOMATIC SECTOR ERASE TIMING WAVEFORM
tAH
Sector
Address0
555H
2AAH
2AAH
555H
555H
Sector
Address1
Sector
Addressn
Vcc 5V
CE
OE
Q0,Q1,
Q4(Note 1)
WE
A16-A19
Q7
A0~A10
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command
In
Command #30H
Command #30H
Command #30H
Command #55H
Command #AAH
Command #80H
Command #55H
Command #AAH
(Q0~Q7)
Command
In
Command
In
tDH
tDS
tCEP
tCWC
tAETB
tBAL
DATA polling
tCEPH1
tAS
Notes:
(1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit, Q2: Toggle bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com