Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F080 Datasheet(PDF) 34 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 34 Page - Macronix International

Back Button MX29F080 Datasheet HTML 30Page - Macronix International MX29F080 Datasheet HTML 31Page - Macronix International MX29F080 Datasheet HTML 32Page - Macronix International MX29F080 Datasheet HTML 33Page - Macronix International MX29F080 Datasheet HTML 34Page - Macronix International MX29F080 Datasheet HTML 35Page - Macronix International MX29F080 Datasheet HTML 36Page - Macronix International MX29F080 Datasheet HTML 37Page - Macronix International MX29F080 Datasheet HTML 38Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
ORDERING INFORMATION
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING CURRENT
STANDBY CURRENT
PACKAGE
(ns)
MAX.(mA)
MAX. (uA)
MX29F080TC-70
70
50
5
40 Pin TSOP
(Normal Type)
MX29F080TC-90
90
50
5
40 Pin TSOP
(Normal Type)
MX29F080TC-12
120
50
5
40 Pin TSOP
(Normal Type)
MX29F080MC-70
70
50
5
44 Pin SOP
MX29F080MC-90
90
50
5
44 Pin SOP
MX29F080MC-12
120
50
5
44 Pin SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com