Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F080 Datasheet(PDF) 7 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 7 Page - Macronix International

Back Button MX29F080 Datasheet HTML 3Page - Macronix International MX29F080 Datasheet HTML 4Page - Macronix International MX29F080 Datasheet HTML 5Page - Macronix International MX29F080 Datasheet HTML 6Page - Macronix International MX29F080 Datasheet HTML 7Page - Macronix International MX29F080 Datasheet HTML 8Page - Macronix International MX29F080 Datasheet HTML 9Page - Macronix International MX29F080 Datasheet HTML 10Page - Macronix International MX29F080 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
Pins
Mode
CE
OE
WE
A0
A1
A6
A9
Q0 ~ Q7
Read Silicon ID
L
L
H
L
L
X
V
ID(2)
C2H
Manufacturer Code(1)
Read Silicon ID
L
L
H
H
L
X
V
ID(2)
D5H
Device Code(1)
Read
L
L
H
A0
A1
A6
A9
D
OUT
Standby
H
X
X
X
X
X
X
HIGH Z
Output Disable
L
H
H
X
X
X
X
HIGH Z
Write
L
H
L
A0
A1
A6
A9
D
IN(3)
Sector Group Protect (6)
L
V
ID(2)
L
X
X
L
V
ID(2)
X
Chip Unprotect(6)
L
V
ID(2)
L
X
X
H
V
ID(2)
X
Verify Sector Protect
L
L
H
X
H
X
V
ID(2)
Code(5)
Reset
X
X
X
X
X
X
X
HIGH Z
TABLE 2. MX29F080 BUS OPERATION
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 1.
2. VID is the Silicon-ID-Read high voltage, 11.5V to 13V.
3. Refer to Table 1 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H means unprotected.
Code=01H means protected.
6. A19~A17=Sector group address for sector group protect.
Refer to sector group protect/chip unprotect algorithm and waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com