Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35062 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M35062 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
: Name or value changes by definite ratio.
: The same name or value continues.
MEMORY CONSTRUCTION
Address 00016 to 2A716 are assigned to the display RAM, 2A816 to
2B016 are assigned to the display control registers and 30016 to
36C16 are assigned to SYRAM.
The internal circuit is reset and all display control registers (address
2A816 to 2B016) are set to “0”. The memory constitution of display
RAM and register is shown in Figure 1 and the memory constitution
of SYRAM is shown in Figure 2.
add-
ress
00016
2A716
2A816
2A916
2AA16
2AB16
2AC16
2AD16
2AE16
2AF16
2B016
DA17
SB
SB
–
–
–
–
–
–
–
PC7
–
DA16
SG
SG
TEST
3
–
–
–
–
TEST
23
–
PC6
TEST
19
DA15
SR
SR
TEST
2
–
–
TEST
26
–
TEST
22
–
PC5
TEST
18
DA14
0
0
0
TEST
1
BLINK
3
TEST
12
TEST
25
LBLACK
SERS
0
–
PC4
TEST
17
DA13
0
0
0
TEST
0
BLINK
2
EQP
PHASE
2
LINE
B
–
–
PC3
TEST
24
DA12
0
0
0
TEST
11
BLINK
1
TEST
20
PHASE
1
LINE
G
–
SEND
4
PC2
LEVEL
2
DA10
SYC1
SYC1
HP8
HSZ
16
VSZ
16
DSP0
16
DSP1
16
ERS
16
SEND
2
PC0
LEVEL
0
DAF
SYC0
SYC0
HP7
HSZ
15
VSZ
15
DSP0
15
DSP1
15
ERS
15
SEND
1
ALL24
__
INT
NON
DAE
BB
BB
HP6
HSZ
14
VSZ
14
DSP0
14
DSP1
14
ERS
14
SEND
0
SRAND
2
PAL
___
NTSC
DAD
BG
BG
HP5
HSZ
13
VSZ
13
DSP0
13
DSP1
13
ERS
13
SST
4
SRAND
1
MPAL
DAC
BR
BR
HP4
HSZ
12
VSZ
12
DSP0
12
DSP1
12
ERS
12
SST
3
SRAND
0
PALH
DAB
BLINK
BLINK
BLINK
HP3
HSZ
11
VSZ
11
DSP0
11
DSP1
11
ERS
11
SST
2
PTD
5
TEST
16
DAA
CB
CB
HP2
HSZ
10
VSZ
10
DSP0
10
DSP1
10
ERS
10
SST
1
PTD
4
TEST
15
DA9
CG
CG
HP1
HSZ
9
VSZ
9
DSP0
09
DSP1
09
ERS
9
SST
0
PTD
3
SEPV1
DA8
CR
CR
HP0
HSZ
8
VSZ
8
DSP0
08
DSP1
08
ERS
8
SLIN
4
PTD
2
SEPV0
DA7
0
0
0
VP7
HSZ
7
VSZ
7
DSP0
07
DSP1
07
ERS
7
SLIN
3
PTD
1
BLK
DA6
C6
C6
VP6
HSZ
6
VSZ
6
DSP0
06
DSP1
06
ERS
6
SLIN
2
PTD
0
–
DA5
C5
C5
VP5
HSZ
5
VSZ
5
DSP0
05
DSP1
05
ERS
5
SLIN
1
PTC
5
DSP
ONV
DA4
C4
C4
VP4
HSZ
4
VSZ
4
DSP0
04
DSP1
04
ERS
4
SLIN
0
PTC
4
DSP
ON
DA3
C3
C3
VP3
HSZ
3
VSZ
3
DSP0
03
DSP1
03
ERS
3
SBIT
3
PTC
3
–
DA2
C2
C2
VP2
HSZ
2
VSZ
2
DSP0
02
DSP1
02
ERS
2
SBIT
2
PTC
2
SEL
COR
DA0
C0
C0
VP0
HSZ
0
VSZ
0
DSP0
00
DSP1
00
ERS
0
SBIT
0
PTC
0
EX
SY color setting
DA11
SYC2
SYC2
TEST
10
BLINK
0
HIDE
PHASE
0
LINE
R
–
SEND
3
PC1
LEVEL
1
Raster color setting
Character color setting
Character setting
Table 1 The memory constitution of display RAM and register
Table 2 The memory constitution of SYRAM
add-
ress
30016
30C16
31016
31C16
35016
35C16
36016
36C16
0
0
DA17 to DAD
0
0
DAC
SYEX
SYEX
SYEX
SYEX
SYEX
SYEX
SYEX
SYEX
DAB
S00B
S00B
S01B
S01B
S05B
S05B
S06B
S06B
DAA
S00A
S00A
S01A
S01A
S05A
S05A
S06A
S06A
DA9
S009
S009
S019
S019
S059
S059
S069
S069
DA8
S008
S008
S018
S018
S058
S058
S068
S068
DA7
S007
S007
S017
S017
S057
S057
S067
S067
DA6
S006
S006
S016
S016
S056
S056
S066
S066
DA5
S005
S005
S015
S015
S055
S055
S065
S065
DA4
S004
S004
S014
S014
S054
S054
S064
S064
DA3
S003
S003
S013
S013
S053
S053
S063
S063
DA2
S002
S002
S012
S012
S052
S052
S062
S062
DA1
S001
S001
S011
S011
S051
S051
S061
S061
DA0
S000
S000
S010
S010
S050
S050
S060
S060
SYRAM code
0016
0116
0516
0616
TESTn (n = number) is MITSUBISHI test memory. Set 0 to all bits.
SYRAM setting
DA1
C1
C1
VP1
HSZ
1
VSZ
1
DSP0
01
DSP1
01
ERS
1
SBIT
1
PTC
1
SCOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com