Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35062 Datasheet(PDF) 20 Page - Mitsubishi Electric Semiconductor

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 Datasheet(HTML) 20 Page - Mitsubishi Electric Semiconductor

Back Button M35062 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
5. Scroll display mode
The scroll display mode is entered by setting registers SBIT0 to 3
(SA), SLIN0 to 4 (SB), SST0 to 4 (SC), and SEND0 to 4 (SD) (all at
address 2AE16). (Scroll is turned off when SD = 0.)
The screen is scrolled in the range from the (SC)’th line to the
(SD-1)’th line, and sections above and below this range are fixed.
The beginning line and beginning dot of scroll are the (SA)’th dot on
the (SB)’th line.
The screen can be scrolled up or down by successively incrementing
or decrementing SA and SB.
Figure 6 shows examples of how the display is scrolled. The scroll
range in these examples contains 12 lines (second to the 13th lines).
However, the screen can display only 11 lines at a time, and the re-
maining one line is handled as a dummy line and not displayed.
Fig. 6 Scrolling example
When displayed in order of SA = 0, 1, 2, and so on, the screen scrolls up. When displayed in order of SA = 12, 11, 10, and so on, the
screen scrolls down.
(1) To scroll the screen up, write the dummy line after you set the 0th dot in SA but before setting the 1st dot.
(2) To scroll the screen down, write the dummy line after you set the 0th dot in SA but before setting the 12th dot of the preceding line.
Setting example 2
SA = 3
SB = 5
SC = 2
SD = 14
Setting example 1
SA = 0
SB = 2
SC = 2
SD = 14
Line number when
on screen display
Line number when
on screen display
Dummy line
5th line (0 dot to 2 dots)
or
4th line (3 dots to 12
dots)
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
2
3
4
5
6
7
8
9
10
11
12
0
1
13
14
15
Dummy line
13th line (0 dot to 12
dots)
Zero line
1st line
3rd
4th line
5th line
6th line
7th line
8th line
9th line
10th line
11th line
12th line (0 dot to 12 dots)
14th line
15th line
16th line
<fixed block>
<fixed block>
<Scrolling block>
2nd line (0 dot to 12 dots)
Zero line
1st line
6th line
7th line
8th line
9th line
10th line
11th line
12th line
13th line
2nd line
3rd line
14th line
15th line
16th line
<fixed block>
<Scrolling block>
5th line (3 dots to 12 dots)
4th line (0 dot to 2 dots)
<fixed block>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com