Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35062 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35062 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35062 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35062 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
REGISTER CONSTRUCTION COMPOSITION
PHASE2
/
LINEB
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
PHASE1
/
LINEG
PHASE0
/
LINER
NTSC
—
7
π/16
27
π/16
π/16
17
π/16
—
23
π/16
—
PAL
—
± 7
π/16
5
π/16
± π/16
15
π/16
—
9
π/16
—
Phase (rad)
Black
Red
Green
Yellow
Blue
Gray
Cyan
White
Color
Table 3 Color and phase of NTSC, PAL (SELCOR = 0)
Fig. 2 Switching port output with R, G and B output
Table 4 Setting condition at LEVEL 0, 1 and 2
At display clock operates
0
1
1
L
At display clock stops
1
0
0
H
LEVEL1
DSPON
DSPONV
CS pin
Table 5 Setting condition at LEVEL 0, 1 and 2 (at operation)
Operation state
1
0
1
Stop state
0
1
0
LEVEL0
LEVEL1
LEVEL2
No character display at display clock
Sync
Pedestal
Color Burst
Black
Red
Green
Yellow
Blue
Gray
Cyan
White
Color name
NTSC
—
—
0
—
7
π/16 ± 2π/16
27
π/16 ± 2π/16
π/16 ± 2π/16
17
π/16 ± 2π/16
—
23
π/16 ± 2π/16
—
PAL
—
—
±4
π/16
—
± 7
π/16 ± 2π/16
5
π/16 ± 2π/16
±
π/16 ± 2π/16
15
π/16 ± 2π/16
—
9
π/16 ± 2π/16
—
Phase (rad)
Luminance level (V) (Note1)
Chroma amplitude (Notes 1 and 2)
Min.
1.40
2.00
2.00
2.00
2.00
2.15
2.35
2.65
—
2.40
2.85
Typ.
1.50
2.10
2.10
2.10
2.25
2.45
2.75
2.15
2.55
2.50
2.95
Max.
1.60
2.20
2.20
2.20
2.35
2.55
2.85
2.75
—
2.60
3.05
Min.
—
—
—
—
1.23
1.11
0.85
0.91
—
1.37
—
Typ.
—
—
1.00
—
1.46
1.31
1.00
1.08
—
1.62
—
Max.
—
—
—
—
1.69
1.51
1.15
1.25
—
1.86
—
Table 6 Video signal level (SELCOR = 0)
Notes 1: The luminance level and the chroma amplitude of this video signal are ruled only for PAL method.
2: The chroma amplitude is ruled by each color’s chroma and color burst’s chroma.
Polarity
Select
PTD
PTD
R (G, B, YM, BLNK, CSYN)
1
0
PTC
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com