Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor LP2951 Datasheet HTML 11Page - Micrel Semiconductor LP2951 Datasheet HTML 12Page - Micrel Semiconductor LP2951 Datasheet HTML 13Page - Micrel Semiconductor LP2951 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LP2950/2951
Micrel
3
February 1999
3-45
Low Drift Current Source
5 Volt Current Limiter
LP2951
FB
SD
1
3
7
GND
4
VIN
8
OUT
V
SHUTDOWN
INPUT
LOAD
+V = 2 → 30V
IL↓
IL=
1.23
R
0.1
µF
1
µF
1%
R
* MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV TO 400mV,
DEPENDING ON LOAD CURRENT.
LP2950Z
OUT
GND
+V IN
*V
= 5V
OUT
V
+V
1
µF
+
IN
Regulator with Early Warning and Auxiliary Output
• EARLY WARNING FLAG ON LOW INPUT VOLTAGE
• MAIN OUTPUT LATCHES OFF AT LOWER INPUT VOLTAGES
• BATTERY BACKUP ON AUXILIARY OUTPUT
OPERATION: REG. #1’S V
OUT IS PROGRAMMED ONE DIODE DROP ABOVE 5 V.
ITS ERROR FLAG BECOMES ACTIVE WHEN V
IN ≤ 5.7 V.
WHEN V
IN DROPS
BELOW 5.3 V, THE ERROR FLAG OF REG. #2 BECOMES ACTIVE AND VIA Q1
LATCHES THE MAIN OUTPUT OFF. WHEN V
IN AGAIN EXCEEDS 5.7 V REG. #1
IS BACK IN REGULATION AND THE EARLY WARNING SIGNAL RISES,
UNLATCHING REG. #2 VIA D3.
LP2951
#1
SENSE
V
ERROR
GND
20
27k
Ω
4
5
1
8
OUT
+VIN
2
LP2951
#2
SENSE
V
ERROR
GND
+
4
5
1
8
OUT
+VIN
2
MEMORY
V+
D 2
D 1
2.7M
Ω
D 3
D 4
330k
Ω
RESET
EARLY WARNING
µP
VDO
SD
3
Q1
1
µf
MAIN
OUTPUT
1
µF
+VIN
3.6V
NICAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com