Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor LP2951 Datasheet HTML 11Page - Micrel Semiconductor LP2951 Datasheet HTML 12Page - Micrel Semiconductor LP2951 Datasheet HTML 13Page - Micrel Semiconductor LP2951 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LP2950/2951
Micrel
3-48
February 1999
FEEDBACK
SENSE
Q15A
OUT
Q24
Q26
R27
182 k
Ω
5V TAP
R28
60 k
Ω
R18
20k
Ω
Q25
Q23
Q22
R15
100 k
Ω
R16
30 k
Ω
Q29
Q28
R17
10
Ω
R21 8
Ω
R17
12 k
Ω
Q31
Q30
R23 60 k
Ω
SHDN
R24
50 k
Ω
R22
150 k
Ω
Q21
Q19
C2
40 pF
R14
350
k
Ω
Q14
R13
100
k
Ω
Q18
R12
110
k
Ω
Q20
Q9
Q15B
Q8
Q7
R11
20.6
k
Ω
Q5
R8
31.4 k
Ω
R10
150
k
Ω
R9
27.8 k
Ω
Q11
Q12
Q13
R6
140
k
Ω
R5
180
k
Ω
R4
13 k
Ω
R3
50 k
Ω
Q2
C1
20
pF
Q4
Q3
R11
18
k
Ω
Q6
Q1
10
R1
20 k
Ω
R2
50 k
Ω
Q41
R30
30
k
Ω
Q40
Q34
GND
Q36
Q37
R25
2.8 k
Ω
Q38
ERROR
R26
60 k
Ω
Q39
DENOTES CONNECTION ON LP2950 ONLY
Q42
Q16
Q17
50 k
Ω
10 k
Ω
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com