Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # LP2951
Description  100mA Low-Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button LP2951 Datasheet HTML 6Page - Micrel Semiconductor LP2951 Datasheet HTML 7Page - Micrel Semiconductor LP2951 Datasheet HTML 8Page - Micrel Semiconductor LP2951 Datasheet HTML 9Page - Micrel Semiconductor LP2951 Datasheet HTML 10Page - Micrel Semiconductor LP2951 Datasheet HTML 11Page - Micrel Semiconductor LP2951 Datasheet HTML 12Page - Micrel Semiconductor LP2951 Datasheet HTML 13Page - Micrel Semiconductor LP2951 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LP2950/2951
Micrel
3-46
February 1999
LP2951
SD
V
ERROR
GND
4
1
8
OUT
+V IN
FB
5
3
470k
470k
+VIN
RESET
R1
R 2
7
VOUT
+
1µF
LP2951
SD
V
ERROR
GND
4
1
8
OUT
+VIN
FB
6
5
3
TAP
SENSE
2
+
1
µF
+VOUT = 5V
+
–
C1
100k
Ω
<5.8V**
+
–
C2
100k
Ω
<6.0V**
+
–
C3
100k
Ω
<6.2V**
39k
Ω
100
k
Ω
1%
1
k
Ω
1%
1
k
Ω
1%
1%
10k
Ω
20k
Ω
R3
+
–
C4
RESET
39k
Ω
6V
LEAD-
ACID
BATTERY
+
C1-C4
LP339
7
Latch Off When Error Flag Occurs
Open Circuit Detector for 4mA to 20mA Current Loop
Regulator with State-of-Charge Indicator
*OPTIONAL LATCH OFF WHEN DROP OUT OCCURS. ADJUST R3 FOR C2
SWITCHING WHEN V
IN
IS 6.0V
**OUTPUTS GO LOW WHEN V
IN
DROPS BELOW DESIGNATED THRESHOLDS.
MIC2951
V
GND
4
1
8
OUT
VIN
FB
7
0.1µF
1N
4001
4
20mA
OUTPUT*
4.7mA
+5V
1
5
4
2
MIN. VOLTAGE
4V
360
1N457
* HIGH FOR
I < 3.5mA
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com