Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB0530 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MB0530 Datasheet HTML 2Page - Micrel Semiconductor MB0530 Datasheet HTML 3Page - Micrel Semiconductor MB0530 Datasheet HTML 4Page - Micrel Semiconductor MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor MB0530 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MIC2141
Micrel
MIC2141
6
June 2000
Functional Diagram
330kHz
FIXED DUTY CYCLE
VC
FB
IN
GND
SW
Oscillator
MIC2141
Bandgap
Reference
Functional Description
See “Applications Information” for component selection and
predesigned circuits.
Overview
This MIC2141 is a fixed-duty-cycle, constant-frequency, gated-
oscillator, micropower, switch-mode power supply controller.
Quiescent current for the MIC2141 is only 70
µA in the switch
off state, and since a MOSFET output switch is used, addi-
tional current needed for switch drive is minimized. Efficien-
cies above 85% throughout most operating conditions can be
realized.
Regulaton
Regulation is performed by a hysteretic comparator which
regulates the output voltage by gating the internal oscillator.
The user applies a programming voltage to the VC pin. (For
a fixed or adjustable output regulator, with an internal refer-
ence, use the MIC2142.) The output voltage is divided down
internally and then compared to the V
C, the control input
voltage, forcing the output voltage to 6 times the V
C. The
comparator has hysteresis built into it, which determines the
amount of low frequency ripple that will be present on the
output. Once the feedback input to the comparator exceeds
the control voltage by 10mV, the high-frequency oscillator
drive is removed from the output switch. As the feedback
input to the comparator returns to the control voltage level,
the comparator is reset and the high-frequency oscillator is
again gated to the output switch. Typically 10mV of hysteresis
seen at the comparator will correspond to 60mV of low-
frequency ripple at the output. Applications, which require
continuous adjustment of the output voltage, can do so by
adjustment of the VC control pin.
Output
The maximum output voltage is limited by the voltage capa-
bility of the output switch. Output voltages up to 22V can be
achieved with a standard boost circuit. Higher output volt-
ages require a flyback configuration.
Output Voltage Control
The internal hysteretic comparator disables the output drive
once the output voltage exceeds the nominal by 30mV. The
drive is then enabled once the output voltage drops below the
nominal by 30mV.
The reference level, which actually programs the output
voltage, is set by the VC control input. The output is 6 times
the control voltage (V
C) and the output ripple will be 6 times
the comparator hystersis. Therefore, with 10mV of hystersis,
there will be
±30mV variation in the output around the nominal
value. See the “Typical Characteristics: Control Voltage vs.
Output Voltage” for a graph of input-to-output behavior.
The common-mode range of the comparator requires that the
maximum control voltage (V
C) be held to 200mV less than
VIN. When programming for a 20V output, a minimum V
IN of
3.5V will be required. See the “Typical Characteristics: Gain
vs. Output Voltage” for a graph of gain behavior. To achieve
20V output at lower input voltages, the external resistive
divider (R1 and R2) shown in Figure 2 can be added. This
circuit will increase the control-to-output gain, while limiting
the error introduced by the tolerance of the internal resistor
feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com