Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB0530 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor MB0530 Datasheet HTML 10Page - Micrel Semiconductor MB0530 Datasheet HTML 11Page - Micrel Semiconductor MB0530 Datasheet HTML 12Page - Micrel Semiconductor MB0530 Datasheet HTML 13Page - Micrel Semiconductor MB0530 Datasheet HTML 14Page - Micrel Semiconductor MB0530 Datasheet HTML 15Page - Micrel Semiconductor MB0530 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MIC2141
Micrel
MIC2141
14
June 2000
I
PEAK
I
PEAK
V
IN(min)
V
IN(max)
V
OUT
I
OUT(max)
L1
CR1
(V
IN = VOUT – 0.5V)
(V
IN = VIN(min))
5.0V
8.5V
9V
17mA
8.2
µH
MBR0530
795mA
467mA
15mA
10
µH
MBR0530
652mA
383mA
10mA
12
µH
MBR0530
643mA
319mA
5mA
27
µH
BAT54
241mA
142mA
1mA
120
µH
BAT54
54mA
32mA
5.0V
11.5V
12V
10mA
8.2
µH
MBR0530
1,075mA
467mA
5mA
18
µH
MBR0530
490mA
213mA
2mA
39
µH
BAT54
226mA
98mA
1mA
82
µH
BAT54
108mA
47mA
5.0V
14V
15V
7mA
8.2
µH
MBR0530
1356mA
467mA
5mA
12
µH
MBR0530
926mA
319mA
2mA
27
µH
MBR0530
412mA
142mA
1mA
56
µH
BAT54
199mA
68mA
5.0V
14V
16V
2.5mA
22
µH
MBR0530
986mA
174mA
1mA
56
µH
BAT54
190mA
68mA
0.5mA
120
µH
BAT54
90mA
32mA
5.0V
14V
22V
1.7mA
22
µH
MBR0530
486mA
174mA
1.0mA
39
µH
BAT54
274mA
98mA
0.5mA
82
µH
BAT54
130mA
47mA
0.1mA
180
µH
BAT54
60mA
21mA
9.0V
11.5V
12V
33mA
15
µH
MBR0530
588mA
460mA
20mA
22
µH
MBR0530
401mA
314mA
10mA
47
µH
BAT54
188mA
147mA
5mA
100
µH
BAT54
88mA
69mA
1mA
470
µH
BAT54
19mA
15mA
9.0V
14V
15V
20mA
15
µH
MBR0530
741mA
460mA
10mA
27
µH
MBR0530
412mA
256mA
5mA
56
µH
BAT54
199mA
123mA
2mA
150
µH
BAT54
74mA
46mA
1mA
270
µH
BAT54
41mA
26mA
9.0V
14V
20V
4.5mA
39
µH
BAT54
215mA
177mA
2mA
68
µH
BAT54
131mA
84mA
1mA
150
µH
BAT54
72mA
46mA
9.0V
14V
22V
4mA
39
µH
BAT54
275mA
177mA
2mA
68
µH
BAT54
157mA
101mA
1mA
150
µH
BAT54
72mA
46mA
12V
14V
15V
45mA
18
µH
MBR0530
618mA
511mA
20mA
39
µH
BAT54
285mA
236mA
10mA
82
µH
BAT54
136mA
112mA
5mA
150
µH
BAT54
74mA
61mA
1.7mA
470
µH
BAT54
24mA
20mA
12V
14V
20V
8mA
47
µH
BAT54
230mA
196mA
5mA
68
µH
BAT54
158mA
135mA
2mA
120
µH
BAT54
90mA
77mA
1mA
390
µH
BAT54
27mA
24mA
12V
21.5V
22V
7mA
47
µH
BAT54
228mA
196mA
5mA
68
µH
BAT54
157mA
135mA
2mA
150
µH
BAT54
69mA
61mA
1mA
220
µH
BAT54
47mA
42mA
Table 4b. Typical Configurations for Wide-Range Inputs—5V to 15V Minimum Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com