Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB0530 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MB0530
Description  Micropower Boost Converter Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MB0530 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MB0530 Datasheet HTML 1Page - Micrel Semiconductor MB0530 Datasheet HTML 2Page - Micrel Semiconductor MB0530 Datasheet HTML 3Page - Micrel Semiconductor MB0530 Datasheet HTML 4Page - Micrel Semiconductor MB0530 Datasheet HTML 5Page - Micrel Semiconductor MB0530 Datasheet HTML 6Page - Micrel Semiconductor MB0530 Datasheet HTML 7Page - Micrel Semiconductor MB0530 Datasheet HTML 8Page - Micrel Semiconductor MB0530 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2000
1
MIC2141
MIC2141
Micrel
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MIC2141
Micropower Boost Converter
Preliminary Information
General Description
The MIC2141 is a micropower boost switching regulator that
can operate from 3- or 4-cell nickel-metal-hydride batteries or
a single Li-ion cell. This regulator employs a constant 330kHz,
fixed 18% duty-cycle, gated-oscillator architecture.
The MIC2141 can be used in applications where the output
voltage must be dynamically adjusted. The device features a
control signal input which is used to proportionally adjust the
output voltage. The control signal input has a gain of 6,
allowing a 0.8V to 3.6V control signal to vary a 4.8V to 22V
output.
The MIC2141 requires only three external components to
operate and is available in a tiny 5-lead SOT-23 package for
space and power-sensitive portable applications. The
MIC2141 draws only 70
µA of quiescent current and can
operate with an efficiency exceeding 85%.
Features
• Implements low-power boost, SEPIC, or flyback
• 2.5V to 14V input voltage
• 330kHz switching frequency
•<2
µA shutdown current
•70
µA quiescent current
• 1.24V bandgap reference
• typical output current 1mA to 10mA
• SOT-23-5 Package
Applications
• LCD bias supply
• CCD digital camera supply
Ordering Information
Part Number
Junction Temp. Range
Package
MIC2141-BM5
–40
°C to +85°C
SOT-23-5
Typical Application
MIC2141
Variable
VOUT
VC*
(from DAC)
10
µF
10
µH
15
2
34
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
V
OUT (V)
Control Voltage
vs. Output Voltage
DAC-Controlled LCD Bias Voltage Supply


Similar Part No. - MB0530

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
C&K Components
MB05 CK-COMPONENTS-MB05 Datasheet
545Kb / 5P
Half-inch Rotary Switches
logo
Microdc power Technolog...
MB0505XD-3W MICRODC-MB0505XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
MB0512XD-3W MICRODC-MB0512XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
MB0515XD-3W MICRODC-MB0515XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
More results

Similar Description - MB0530

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
Micropower Boost Converter
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Kingbor Technology Co
KB3310 KINGBOR-KB3310 Datasheet
250Kb / 7P
Preliminary Product Information MicroPower Charge Pump Converter
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
Micropower Boost Converter
MIC2141 MICREL-MIC2141_06 Datasheet
848Kb / 16P
Micropower Boost Converter
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com