Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV511 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV511_15 Datasheet HTML 4Page - Texas Instruments LPV511_15 Datasheet HTML 5Page - Texas Instruments LPV511_15 Datasheet HTML 6Page - Texas Instruments LPV511_15 Datasheet HTML 7Page - Texas Instruments LPV511_15 Datasheet HTML 8Page - Texas Instruments LPV511_15 Datasheet HTML 9Page - Texas Instruments LPV511_15 Datasheet HTML 10Page - Texas Instruments LPV511_15 Datasheet HTML 11Page - Texas Instruments LPV511_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
0
5
10
15
-200
-100
0
100
200
300
400
500
VCM (V)
25°C
85°C
125°C
-40°C
125°C
V
+
= 12V
1
10
100
1k
10k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
400
500
VCM (V)
25°C
85°C
125°C
-40°C
125°C
V
+
= 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-500
-300
-100
100
300
500
700
85°C
125°C
-40°C
125°C
V
+
= 3V
25°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT VOLTAGE REFERENCED TO V
+
(V)
25°C
85°C
125°C
-40°C
V
+
= 12V
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
25°C
85°C
-40°C
125°C
-40°C
V
+
= 12V
LPV511
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
Figure 9.
Figure 10.
Input Bias Current vs. Common Mode Voltage
Input Bias Current vs. Common Mode Voltage
Figure 11.
Figure 12.
Input Bias Current vs. Common Mode Voltage
PSRR vs. Frequency
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com