Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511 Datasheet(PDF) 9 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV511 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV511_15 Datasheet HTML 5Page - Texas Instruments LPV511_15 Datasheet HTML 6Page - Texas Instruments LPV511_15 Datasheet HTML 7Page - Texas Instruments LPV511_15 Datasheet HTML 8Page - Texas Instruments LPV511_15 Datasheet HTML 9Page - Texas Instruments LPV511_15 Datasheet HTML 10Page - Texas Instruments LPV511_15 Datasheet HTML 11Page - Texas Instruments LPV511_15 Datasheet HTML 12Page - Texas Instruments LPV511_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= 5V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= ±6V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= ±6V
CL = 20 pF
RL = 1 M:
180
203
25°C
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= 2.7V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= 2.7V
CL = 20 pF
RL = 1 M:
180
203
25°C
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= 5V
CL = 20 pF
RL = 1 M:
180
203
25°C
LPV511
www.ti.com
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Frequency Response vs. Temperature
Frequency Response vs. Temperature
Figure 15.
Figure 16.
Frequency Response vs. Temperature
Frequency Response vs. RL
Figure 17.
Figure 18.
Frequency Response vs. RL
Frequency Response vs. RL
Figure 19.
Figure 20.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LPV511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com