Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV511 Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV511 Datasheet(HTML) 3 Page - Texas Instruments

  LPV511_15 Datasheet HTML 1Page - Texas Instruments LPV511_15 Datasheet HTML 2Page - Texas Instruments LPV511_15 Datasheet HTML 3Page - Texas Instruments LPV511_15 Datasheet HTML 4Page - Texas Instruments LPV511_15 Datasheet HTML 5Page - Texas Instruments LPV511_15 Datasheet HTML 6Page - Texas Instruments LPV511_15 Datasheet HTML 7Page - Texas Instruments LPV511_15 Datasheet HTML 8Page - Texas Instruments LPV511_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LPV511
www.ti.com
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
3V Electrical Characteristics
(1)
Unless otherwise specified, all limits are specified for TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2, and R
L = 100 kΩ to V
+/2 .
Boldface limits apply to the temperature range of
−40°C to 85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
±0.2
±3
mV
±3.8
TC VOS
Input Offset Voltage Drift
See(4)
±0.3
±15
μV/°C
IB
Input Bias Current(5)
VCM = 0.5V
−1000
−320
–1600
pA
VCM = 2.5V
110
800
1900
IOS
Input Offset Current
±10
pA
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 1.5V
77
100
70
VCM Stepped from 2.4V to 3V
75
115
dB
68
VCM Stepped from 0.5V to 2.5V
60
80
56
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5V, VCM = 0.5V
72
114
68
V+ = 3V to 5V, VCM = 0.5V
76
115
dB
72
V+ = 5V to 12V, VCM = 0.5V
84
117
80
CMVR
Input Common-Mode Voltage
CMRR
≥ 50 dB
−0.1
3.1
V
Range
0
3.0
AVOL
Large Signal Voltage Gain
Sinking, VO = 2.5V
75
105
dB
70
Sourcing, VO = 0.5V
VO
Output Swing High
VID = 100 mV
2.85
2.90
V
2.8
Output Swing Low
VID = −100 mV
100
150
mV
200
ISC
Output Short Circuit Current(6)
Sourcing
−500
−225
VID = 100 mV
µA
Sinking
225
1350
VID = −100 mV
IS
Supply Current
0.88
1.2
µA
1.5
SR
Slew Rate(7)
AV = +1, VO ramps from 0.5V to 2.5V
5.25
7.7
V/ms
3.10
GBW
Gain Bandwidth Product
RL = 1 MΩ, CL= 50 pF
27
kHz
Phase Margin
RL = 1 MΩ, CL= 50 pF
53
deg
en
Input-Referred Voltage Noise
f = 100 Hz
320
nV/
√Hz
in
Input-Referred Current Noise
f = 10 Hz
.02
pA/
√Hz
f = 1 kHz
.01
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization.
(4)
Offset voltage drift is specified by design and/or characterization and is not tested in production. Offset voltage drift is determined by
dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
The Short Circuit Test is a momentary test. See Note 4 in the Absolute Maximum Ratings Table.
(7)
Slew rate is the average of the rising and falling slew rates.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com