Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC46AB Datasheet(PDF) 11 Page - Microchip Technology

Part # 93LC46AB
Description  1K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC46AB Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93LC46AB Datasheet HTML 4Page - Microchip Technology 93LC46AB Datasheet HTML 5Page - Microchip Technology 93LC46AB Datasheet HTML 6Page - Microchip Technology 93LC46AB Datasheet HTML 7Page - Microchip Technology 93LC46AB Datasheet HTML 8Page - Microchip Technology 93LC46AB Datasheet HTML 9Page - Microchip Technology 93LC46AB Datasheet HTML 10Page - Microchip Technology 93LC46AB Datasheet HTML 11Page - Microchip Technology 93LC46AB Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
93LC46A/B
 2000 Microchip Technology Inc.
DS21173E-page 11
93LC46A/B PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SM = Plastic SOIC (208 mil Body), 8-lead
ST = TSSOP, 8-lead
Temperature
Blank = 0°C to +70°C
Range:
I =-40°C to +85°C
Device:
93LC46A
1K Microwire Serial EEPROM (x8)
93LC46AT
1K Microwire Serial EEPROM (x8)
Tape and Reel
93LC46AX
1K Microwire Serial EEPROM (x8)
in alternate pinout (SN only)
93LC46AXT
1K Microwire Serial EEPROM (x8)
in alternate pinout, Tape and Reel (SN only)
93LC46B
1K Microwire Serial EEPROM (x16)
93LC46BT
1K Microwire Serial EEPROM (x16)
Tape and Reel
93LC46BX
1K Microwire Serial EEPROM (x16)
in alternate pinout (SN only)
93LC46BXT
1K Microwire Serial EEPROM (x16)
in alternate pinout, Tape and Reel (SN only)
93LC46A/B
—
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com