Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66B Datasheet(PDF) 3 Page - Microchip Technology

Part # 93LC66B
Description  4K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B Datasheet(HTML) 3 Page - Microchip Technology

  93LC66B Datasheet HTML 1Page - Microchip Technology 93LC66B Datasheet HTML 2Page - Microchip Technology 93LC66B Datasheet HTML 3Page - Microchip Technology 93LC66B Datasheet HTML 4Page - Microchip Technology 93LC66B Datasheet HTML 5Page - Microchip Technology 93LC66B Datasheet HTML 6Page - Microchip Technology 93LC66B Datasheet HTML 7Page - Microchip Technology 93LC66B Datasheet HTML 8Page - Microchip Technology 93LC66B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
93LC66A/B
 1998 Microchip Technology Inc.
DS21209C-page 3
2.0
PIN DESCRIPTION
2.1
Chip Select (CS)
A high level selects the device; a low level deselects the
device and forces it into standby mode. However, a pro-
gramming cycle which is already in progress will be
completed, regardless of the Chip Select (CS) input
signal. If CS is brought low during a program cycle, the
device will go into standby mode as soon as the pro-
gramming cycle is completed.
CS must be low for 250 ns minimum (TCSL) between
consecutive instructions. If CS is low, the internal con-
trol logic is held in a RESET status.
2.2
Serial Clock (CLK)
The Serial Clock (CLK) is used to synchronize the com-
munication between a master device and the 93LC66A/
B. Opcode, address, and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at high or low level) and can be continued
anytime with respect to clock high time (TCKH) and
clock low time (TCKL). This gives the controlling master
freedom in preparing opcode, address, and data.
CLK is a “Don't Care” if CS is low (device deselected).
If CS is high, but a START condition has not been
detected, any number of clock cycles can be received
by the device without changing its status (i.e., waiting
for a START condition).
CLK cycles are not required during the self-timed
WRITE (i.e., auto ERASE/WRITE) cycle.
After detection of a START condition the specified num-
ber of clock cycles (respectively low to high transitions
of CLK) must be provided. These clock cycles are
required to clock in all required opcode, address, and
data bits before an instruction is executed (Table 2-1
and Table 2-2). CLK and DI then become don't care
inputs waiting for a new START condition to be
detected.
2.3
Data In (DI)
Data In (DI) is used to clock in a START bit, opcode,
address, and data synchronously with the CLK input.
2.4
Data Out (DO)
Data Out (DO) is used in the READ mode to output
data synchronously with the CLK input (TPD after the
positive edge of CLK).
This pin also provides READY/BUSY status information
during ERASE and WRITE cycles. READY/BUSY sta-
tus information is available on the DO pin if CS is
brought high after being low for minimum chip select
low time (TCSL) and an ERASE or WRITE operation
has been initiated.
The status signal is not available on DO, if CS is held
low during the entire ERASE or WRITE cycle. In this
case, DO is in the HIGH-Z mode. If status is checked
after the ERASE/WRITE cycle, the data line will be high
to indicate the device is ready.
TABLE 2-1
INSTRUCTION SET FOR 93LC66A
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
A8A7
A6A5A4A3
A2A1A0
—
(RDY/BSY)12
ERAL
1
00
1
0
X
XXXX
XX
—
(RDY/BSY)12
EWDS
1
00
0
0
X
XXXX
XX
—
HIGH-Z
12
EWEN
1
00
1
1
X
XXXX
XX
—
HIGH-Z
12
READ
1
10
A8A7
A6A5A4A3
A2A1A0
—
D7 - D0
20
WRITE
1
01
A8A7
A6A5A4A3
A2A1A0
D7 - D0
(RDY/BSY)20
WRAL
1
00
0
1
X
XXXX
XX
D7 - D0
(RDY/BSY)20
TABLE 2-2
INSTRUCTION SET FOR 93LC66B
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
A7A6A5A4A3
A2A1A0
—
(RDY/BSY)11
ERAL
1
00
1
0
XXXX
XX
—
(RDY/BSY)11
EWDS
1
00
0
0
XXXX
XX
—
HIGH-Z
11
EWEN
1
00
1
1
XXXX
XX
—
HIGH-Z
11
READ
1
10
A7A6A5A4A3
A2A1A0
—
D15 - D0
27
WRITE
1
01
A7A6A5A4A3
A2A1A0
D15 - D0
(RDY/BSY)27
WRAL
1
00
0
1
XXXX
XX
D15 - D0
(RDY/BSY)27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com