Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66B Datasheet(PDF) 2 Page - Microchip Technology

Part # 93LC66B
Description  4K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B Datasheet(HTML) 2 Page - Microchip Technology

  93LC66B Datasheet HTML 1Page - Microchip Technology 93LC66B Datasheet HTML 2Page - Microchip Technology 93LC66B Datasheet HTML 3Page - Microchip Technology 93LC66B Datasheet HTML 4Page - Microchip Technology 93LC66B Datasheet HTML 5Page - Microchip Technology 93LC66B Datasheet HTML 6Page - Microchip Technology 93LC66B Datasheet HTML 7Page - Microchip Technology 93LC66B Datasheet HTML 8Page - Microchip Technology 93LC66B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
93LC66A/B
DS21209C-page 2
 1998 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
Vcc ...................................................................................7.0V
All inputs and outputs w.r.t. Vss ............... -0.6V to Vcc +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under “Maximum ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
TABLE 1-1
PIN FUNCTION TABLE
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No Connect
VCC
Power Supply
TABLE 1-2
DC AND AC ELECTRICAL CHARACTERISTICS
All parameters apply over the specified
operating ranges unless otherwise
noted
Commercial (C):
VCC = +2.5V to +6.0V
Tamb = 0°C to +70°C
Industrial (I):
VCC = +2.5V to +6.0V
Tamb = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High level input voltage
VIH1
2.0
Vcc +1
V
2.7V
≤ VCC ≤ 6.0V (Note 2)
VIH2
0.7 VCC
Vcc +1
V
VCC < 2.7V
Low level input voltage
VIL1-0.3
0.8
V
VCC > 2.7V (Note 2)
VIL2
-0.3
0.2 Vcc
V
VCC < 2.7V
Low level output voltage
VOL1
—
0.4
V
IOL = 2.1 µA; Vcc = 4.5V
VOL2
—
0.2
V
IOL =100 µA; Vcc = Vcc Min.
High level output voltage
VOH12.4
—
VIOH = -400 µA; Vcc = 4.5V
VOH2VCC-0.2
—
VIOH = -100 µA; Vcc = Vcc Min.
Input leakage current
ILI
-10
10
µA
VIN = VSS to VCC
Output leakage current
ILO
-10
10
µA
VOUT = VSS to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
—
7pF
VIN/VOUT = 0 V (Notes 1 & 2)
Tamb = +25°C, FCLK = 1 MHz
Operating current
ICC read
—
1
500
mA
µA
FCLK = 2 MHz; Vcc = 6.0V
FCLK = 1 MHz; Vcc = 3.0V
ICC write
—
1.5
mA
Standby current
ICCS
—
1
µA
CS = Vss; DI = VSS
Clock frequency
FCLK
—
2
1
MHz
MHz
VCC > 4.5V
VCC < 4.5V
Clock high time
TCKH
250
—
ns
Clock low time
TCKL
250
—
ns
Chip select setup time
TCSS
50
—
ns
Relative to CLK
Chip select hold time
TCSH
0
—
ns
Relative to CLK
Chip select low time
TCSL
250
—
ns
Data input setup time
TDIS
100
—
ns
Relative to CLK
Data input hold time
TDIH
100
—
ns
Relative to CLK
Data output delay time
TPD
—
400
ns
CL = 100 pF
Data output disable time
TCZ
—
100
ns
CL = 100 pF (Note 2)
Status valid time
TSV
—
500
ns
CL = 100 pF
Program cycle time
TWC
—
6ms
ERASE/WRITE mode
TEC
—
6
ms
ERAL mode
TWL
—
15
ms
WRAL mode
Endurance
—
1M
—
cycles
25°C, VCC = 5.0V, Block Mode (Note 3)
Note 1:
This parameter is tested at Tamb = 25°C and Fclk = 1 MHz.
2:
This parameter is periodically sampled and not 100% tested.
3:
This application is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total
Endurance Model which may be obtained on our website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com