Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66B Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC66B
Description  4K 2.5V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B Datasheet(HTML) 1 Page - Microchip Technology

  93LC66B Datasheet HTML 1Page - Microchip Technology 93LC66B Datasheet HTML 2Page - Microchip Technology 93LC66B Datasheet HTML 3Page - Microchip Technology 93LC66B Datasheet HTML 4Page - Microchip Technology 93LC66B Datasheet HTML 5Page - Microchip Technology 93LC66B Datasheet HTML 6Page - Microchip Technology 93LC66B Datasheet HTML 7Page - Microchip Technology 93LC66B Datasheet HTML 8Page - Microchip Technology 93LC66B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 1998 Microchip Technology Inc.
DS21209C-page 1
93LC66A/B
FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current (typical)
- 1 µA standby current (maximum)
• 512 x 8 bit organization (93LC66A)
• 256 x 16 bit organization (93LC66B)
• Self-timed ERASE and WRITE cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial interface
• Device status signal during ERASE/WRITE cycles
• Sequential READ function
• 1,000,000 E/W cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP/SOIC and 8-pin TSSOP packages
• Available for the following temperature ranges:
BLOCK DIAGRAM
DESCRIPTION
The Microchip Technology Inc. 93LC66A/B are 4K-bit,
low voltage serial Electrically Erasable PROMs. The
device memory is configured as x8 (93LC66A) or
x16 bits (93LC66B). Advanced CMOS technology
makes these devices ideal for low power nonvolatile
memory applications. The 93LC66A/B is available in
standard 8-pin DIP, surface mount SOIC, and TSSOP
packages. The 93LC66AX/BX are only offered in a
150-mil SOIC package.
PACKAGE TYPE
- Commercial (C):
0°C to +70°C
- Industrial (I):
-40°C to +85°C
Vcc
Vss
DI
CS
CLK
DO
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
COUNTER
DATA
REGISTER
OUTPUT
BUFFER
MODE
DECODE
CLOCK
GENERATOR
LOGIC
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
Vcc
NC
NC
Vss
CS
CLK
DI
DO
VCC
NC
NC
Vss
NC
Vcc
CS
CLK
NC
Vss
DO
DI
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
Vcc
NC
NC
Vss
TSSOP
SOIC
SOIC
1
2
3
4
DIP
8
7
6
5
1
2
3
4
8
7
6
5
4K 2.5V Microwire® Serial EEPROM
Microwire is a registered trademark of Motorola.


Similar Part No. - 93LC66B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66B MICROCHIP-93LC66B Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93LC66B MICROCHIP-93LC66B Datasheet
405Kb / 24P
4K Microwire Compatible Serial EEPROM
2003
93LC66B MICROCHIP-93LC66B Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC66B MICROCHIP-93LC66B Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93LC66B-E/CH MICROCHIP-93LC66B-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC66B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
4K Microwire Compatible Serial EEPROM
2005
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_12 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com