Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 32Page - Microchip Technology PIC16LC773 Datasheet HTML 33Page - Microchip Technology PIC16LC773 Datasheet HTML 34Page - Microchip Technology PIC16LC773 Datasheet HTML 35Page - Microchip Technology PIC16LC773 Datasheet HTML 36Page - Microchip Technology PIC16LC773 Datasheet HTML 37Page - Microchip Technology PIC16LC773 Datasheet HTML 38Page - Microchip Technology PIC16LC773 Datasheet HTML 39Page - Microchip Technology PIC16LC773 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 200 page
background image
PIC16C77X
DS30275A-page 36
Advance Information
© 1999 Microchip Technology Inc.
TABLE 3-9
PORTE FUNCTIONS
TABLE 3-10
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/RD/AN5
bit0
ST/TTL(1)
Input/output port pin or read control input in parallel slave port mode or
analog input:
RD
1 = Not a read operation
0 = Read operation. Reads PORTD register (if chip selected)
RE1/WR/AN6
bit1
ST/TTL(1)
Input/output port pin or write control input in parallel slave port mode or
analog input:
WR
1 = Not a write operation
0 = Write operation. Writes PORTD register (if chip selected)
RE2/CS/AN7
bit2
ST/TTL(1)
Input/output port pin or chip select control input in parallel slave port
mode or analog input:
CS
1 = Device is not selected
0 = Device is selected
Legend: ST = Schmitt Trigger input TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port Mode.
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
09h
PORTE
—
—
—
—
—RE2
RE1
RE0
---- -xxx
---- -uuu
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
9Fh
ADCON1
ADFM
VCFG2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com