Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 10Page - Microchip Technology PIC16LC773 Datasheet HTML 11Page - Microchip Technology PIC16LC773 Datasheet HTML 12Page - Microchip Technology PIC16LC773 Datasheet HTML 13Page - Microchip Technology PIC16LC773 Datasheet HTML 14Page - Microchip Technology PIC16LC773 Datasheet HTML 15Page - Microchip Technology PIC16LC773 Datasheet HTML 16Page - Microchip Technology PIC16LC773 Datasheet HTML 17Page - Microchip Technology PIC16LC773 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 200 page
background image
PIC16C77X
DS30275A-page 14
Advance Information
© 1999 Microchip Technology Inc.
Bank 1
80h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h(4)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
83h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h(4)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—bit5(5)
PORTA Data Direction Register
--11 1111
--11 1111
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
87h
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
88h(5)
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
89h(5)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
8Ah(1,4)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
8Bh(4)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
PSPIE(3)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
8Dh
PIE2
LVDIE
—
—
—BCLIE
—
—
CCP2IE
0--- 0--0
0--- 0--0
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
SSPCON2
GCEN
AKSTAT
AKDT
AKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
92h
PR2
Timer2 Period Register
1111 1111
1111 1111
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
0000 0000
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
9Ah
—
Unimplemented
—
—
9Bh
REFCON
VRHEN
VRLEN
VRHOEN
VRLOEN
—
—
—
—
0000 ----
0000 ----
9Ch
LVDCON
—
—
BGST
LVDEN
LV3
LV2
LV1
LV0
--00 0101
--00 0101
9Ah
—
Unimplemented
—
—
9Eh
ADRESL
A/D Low Byte Result Register
xxxx xxxx
uuuu uuuu
9Fh
ADCON1
ADFM
VCFG2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
TABLE 2-1
PIC16C77X SPECIAL FUNCTION REGISTER SUMMARY (Cont.’d)
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
(2)
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as ’0’.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose contents are transferred to
the upper byte of the program counter.
2:
Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
3:
Bits PSPIE and PSPIF are reserved on the 28-pin devices, always maintain these bits clear.
4:
These registers can be addressed from any bank.
5:
These registers/bits are not implemented on the 28-pin devices read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com