Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16LC773
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16LC773 Datasheet HTML 34Page - Microchip Technology PIC16LC773 Datasheet HTML 35Page - Microchip Technology PIC16LC773 Datasheet HTML 36Page - Microchip Technology PIC16LC773 Datasheet HTML 37Page - Microchip Technology PIC16LC773 Datasheet HTML 38Page - Microchip Technology PIC16LC773 Datasheet HTML 39Page - Microchip Technology PIC16LC773 Datasheet HTML 40Page - Microchip Technology PIC16LC773 Datasheet HTML 41Page - Microchip Technology PIC16LC773 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 200 page
background image
PIC16C77X
DS30275A-page 38
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 3-15: PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 3-11
REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
08h
PORTD
Port data latch when written: Port pins when read
xxxx xxxx
uuuu uuuu
09h
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
---- -uuu
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
0Ch
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF TMR2IF
TMR1IF
0000 0000
0000 0000
8Ch
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE TMR1IE 0000 0000
0000 0000
9Fh
ADCON1
ADFM VCFG2 VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by the Parallel Slave Port.
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com