| Electronic Components Datasheet Search |
|
PIC17C752 Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752 Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 320 page ![]() © 1997 Microchip Technology Inc. Preliminary DS30264A-page 29 PIC17C75X 6.0 INTERRUPTS The PIC17C75X devices have 18 sources of interrupt: • External interrupt from the RA0/INT pin • Change on RB7:RB0 pins • TMR0 Overflow • TMR1 Overflow • TMR2 Overflow • TMR3 Overflow • USART1 Transmit buffer empty • USART1 Receive buffer full • USART2 Transmit buffer empty • USART2 Receive buffer full • SSP Interrupt • SSP I2C bus collision interrupt • A/D conversion complete • Capture1 • Capture2 • Capture3 • Capture4 • T0CKI edge occurred There are six registers used in the control and status of interrupts. These are: • CPUSTA • INTSTA • PIE1 • PIR1 • PIE2 • PIR2 The CPUSTA register contains the GLINTD bit. This is the Global Interrupt Disable bit. When this bit is set, all interrupts are disabled. This bit is part of the controller core functionality and is described in the Memory Orga- nization section. When an interrupt is responded to, the GLINTD bit is automatically set to disable any further interrupts, the return address is pushed onto the stack and the PC is loaded with the interrupt vector address. There are four interrupt vectors. Each vector address is for a specific interrupt source (except the peripheral interrupts which all vector to the same address). These sources are: • External interrupt from the RA0/INT pin • TMR0 Overflow • T0CKI edge occurred • Any peripheral interrupt When program execution vectors to one of these inter- rupt vector addresses (except for the peripheral inter- rupts), the interrupt flag bit is automatically cleared. Vectoring to the peripheral interrupt vector address does not automatically clear the source of the interrupt. In the peripheral interrupt service routine, the source(s) of the interrupt can be determined by testing the inter- rupt flag bits. The interrupt flag bit(s) must be cleared in software before re-enabling interrupts to avoid infinite interrupt requests. When an interrupt condition is met, that individual inter- rupt flag bit will be set regardless of the status of its cor- responding mask bit or the GLINTD bit. For external interrupt events, there will be an interrupt latency. For two cycle instructions, the latency could be one instruction cycle longer. The “return from interrupt” instruction, RETFIE, can be used to mark the end of the interrupt service routine. When this instruction is executed, the stack is “POPed”, and the GLINTD bit is cleared (to re-enable interrupts). FIGURE 6-1: INTERRUPT LOGIC RBIF RBIE TMR3IF TMR3IE TMR2IF TMR2IE TMR1IF TMR1IE CA2IF CA2IE CA1IF CA1IE TX1IF TX1IE RC1IF RC1IE T0IF T0IE INTF INTE T0CKIF T0CKIE GLINTD (CPUSTA<4>) PEIE Wake-up (If in SLEEP mode) or terminate long write Interrupt to CPU PEIF SSPIF SSPIE BCLIF BCLIE ADIF ADIE CA4IF CA4IE CA3IF CA3IE TX2IF TX2IE RC2IF RC2IE INTSTA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |