Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 7Page - Microchip Technology PIC17C752 Datasheet HTML 8Page - Microchip Technology PIC17C752 Datasheet HTML 9Page - Microchip Technology PIC17C752 Datasheet HTML 10Page - Microchip Technology PIC17C752 Datasheet HTML 11Page - Microchip Technology PIC17C752 Datasheet HTML 12Page - Microchip Technology PIC17C752 Datasheet HTML 13Page - Microchip Technology PIC17C752 Datasheet HTML 14Page - Microchip Technology PIC17C752 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 11
PIC17C75X
TABLE 3-1: PINOUT DESCRIPTIONS
Name
DIP
No.
PLCC
No.
TQFP
No.
I/O/P
Type
Buffer
Type Description
OSC1/CLKIN
47
50
39
I
ST
Oscillator input in crystal/resonator or RC oscillator mode.
External clock input in external clock mode.
OSC2/CLKOUT
48
51
40
O
—
Oscillator output. Connects to crystal or resonator in crystal
oscillator mode. In RC oscillator or external clock modes
OSC2 pin outputs CLKOUT which has one fourth the fre-
quency (FOSC/4) of OSC1 and denotes the instruction cycle
rate.
MCLR/VPP
15
16
7
I/P
ST
Master clear (reset) input or Programming Voltage (VPP)
input. This is the active low reset input to the chip.
PORTA is a bi-directional I/O Port except for RA0 and RA1
which are input only.
RA0/INT
56
60
48
I
ST
RA0 can also be selected as an external interrupt
input. Interrupt can be configured to be on positive or
negative edge.
RA1/T0CKI
41
44
33
I
ST
RA1 can also be selected as an external interrupt
input, and the interrupt can be configured to be on pos-
itive or negative edge. RA1 can also be selected to be
the clock input to the Timer0 timer/counter.
RA2/SS/SCL
42
45
34
I/O
ST
RA2 can also be used as the slave select input for the
SPI or the clock input for the I2C bus.
High voltage, high current, open drain input/output port
pin.
RA3/SDI/SDA
43
46
35
I/O
ST
RA3 can also be used as the data input for the SPI or
the data for the I2C bus.
High voltage, high current, open drain input/output port
pin.
RA4/RX1/DT1
40
43
32
I/O †
ST
RA4 can also be selected as the USART1 (SCI) Asyn-
chronous Receive or USART1 (SCI) Synchronous
Data.
RA5/TX1/CK1
39
42
31
I/O †
ST
RA5 can also be selected as the USART1 (SCI) Asyn-
chronous Transmit or USART1 (SCI) Synchronous
Clock.
PORTB is a bi-directional I/O Port with software config-
urable weak pull-ups.
RB0/CAP1
55
59
47
I/O
ST
RB0 can also be the Capture1 input pin.
RB1/CAP2
54
58
46
I/O
ST
RB1 can also be the Capture2 input pin.
RB2/PWM1
50
54
42
I/O
ST
RB2 can also be the PWM1 output pin.
RB3/PWM2
53
57
45
I/O
ST
RB3 can also be the PWM2 output pin.
RB4/TCLK12
52
56
44
I/O
ST
RB4 can also be the external clock input to Timer1 and
Timer2.
RB5/TCLK3
51
55
43
I/O
ST
RB5 can also be the external clock input to Timer3.
RB6/SCK
44
47
36
I/O
ST
RB6 can also be used as the master/slave clock for the
SPI.
RB7/SDO
45
48
37
I/O
ST
RB7 can also be used as the data output for the SPI.
Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input;
ST = Schmitt Trigger input.
†
The output is only available by the Peripheral operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com