| Electronic Components Datasheet Search |
|
PIC17C752 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 320 page ![]() PIC17C75X DS30264A-page 12 Preliminary © 1997 Microchip Technology Inc. PORTC is a bi-directional I/O Port. RC0/AD0 2 3 58 I/O TTL This is also the least significant byte (LSB) of the 16-bit wide system bus in microprocessor mode or extended microcontroller mode. In multiplexed system bus con- figuration, these pins are address output as well as data input or output. RC1/AD1 63 67 55 I/O TTL RC2/AD2 62 66 54 I/O TTL RC3/AD3 61 65 53 I/O TTL RC4/AD4 60 64 52 I/O TTL RC5/AD5 58 63 51 I/O TTL RC6/AD6 58 62 50 I/O TTL RC7/AD7 57 61 49 I/O TTL PORTD is a bi-directional I/O Port. RD0/AD8 10 11 2 I/O TTL This is also the most significant byte (MSB) of the 16-bit system bus in microprocessor mode or extended microprocessor mode or extended microcontroller mode. In multiplexed system bus configuration these pins are address output as well as data input or output. RD1/AD9 9 10 1 I/O TTL RD2/AD10 8 9 64 I/O TTL RD3/AD11 7 8 63 I/O TTL RD4/AD12 6 7 62 I/O TTL RD5/AD13 5 6 61 I/O TTL RD6/AD14 4 5 60 I/O TTL RD7/AD15 3 4 59 I/O TTL PORTE is a bi-directional I/O Port. RE0/ALE 11 12 3 I/O TTL In microprocessor mode or extended microcontroller mode, RE0 is the Address Latch Enable (ALE) output. Address should be latched on the falling edge of ALE output. RE1/OE 12 13 4 I/O TTL In microprocessor or extended microcontroller mode, RE1 is the Output Enable (OE) control output (active low). RE2/WR 13 14 5 I/O TTL In microprocessor or extended microcontroller mode, RE2 is the Write Enable (WR) control output (active low). RE3/CAP4 14 15 6 I/O ST RE3 can also be the Capture4 input pin. PORTF is a bi-directional I/O Port. RF0/AN4 26 28 18 I/O ST RF0 can also be analog input 4. RF1/AN5 25 27 17 I/O ST RF1 can also be analog input 5. RF2/AN6 24 26 16 I/O ST RF2 can also be analog input 6. RF3/AN7 23 25 15 I/O ST RF3 can also be analog input 7. RF4/AN8 22 24 14 I/O ST RF4 can also be analog input 8. RF5/AN9 21 23 13 I/O ST RF5 can also be analog input 9. RF6/AN10 20 22 12 I/O ST RF6 can also be analog input 10. RF7/AN11 19 21 11 I/O ST RF7 can slso be analog input 11. TABLE 3-1: PINOUT DESCRIPTIONS Name DIP No. PLCC No. TQFP No. I/O/P Type Buffer Type Description Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input; ST = Schmitt Trigger input. † The output is only available by the Peripheral operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |