Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 161Page - Microchip Technology PIC17C752 Datasheet HTML 162Page - Microchip Technology PIC17C752 Datasheet HTML 163Page - Microchip Technology PIC17C752 Datasheet HTML 164Page - Microchip Technology PIC17C752 Datasheet HTML 165Page - Microchip Technology PIC17C752 Datasheet HTML 166Page - Microchip Technology PIC17C752 Datasheet HTML 167Page - Microchip Technology PIC17C752 Datasheet HTML 168Page - Microchip Technology PIC17C752 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 165
PIC17C75X
15.3 Connection Considerations for I2C
Bus
For standard-mode I2C bus devices, the values of
resistors Rp Rs in Figure 15-45 depends on the follow-
ing parameters
• Supply voltage
• Bus capacitance
• Number of connected devices (input current +
leakage current).
The supply voltage limits the minimum value of resistor
Rp due to the specified minimum sink current of 3 mA
at VOL max = 0.4V for the specified output stages. For
example, with a supply voltage of VDD = 5V+10% and
VOL max = 0.4V at 3 mA, Rp min = (5.5-0.4)/0.003 =
1.7 k
Ω. VDD as a function of R
p
is shown in
Figure 15-45. The desired noise margin of 0.1VDD for
the low level, limits the maximum value of Rs. Series
resistors are optional.
The bus capacitance is the total capacitance of wire,
connections, and pins. This capacitance limits the max-
imum value of Rp due to the specified rise time
(Figure 15-45).
The SMP bit is the slew rate control enabled bit. This bit
is in the SSPSTAT register, and controls the slew rate
of the I/O pins when in I2C mode (master or slave).
This control ensures that the rise and fall times of the
SCL and SDA pins will meet the minimum require-
ments as specified in the I2C specification for 400 kHz
operation.
FIGURE 15-45: SAMPLE DEVICE CONFIGURATION FOR I2C BUS
Rp
Rp
VDD + 10%
SDA
SCL
NOTE: I
2
C devices with input levels related to VDD must have one common supply
line to which the pull up resistor is also connected.
DEVICE
Cb=10 - 400 pF
Rs
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com