Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 173Page - Microchip Technology PIC17C752 Datasheet HTML 174Page - Microchip Technology PIC17C752 Datasheet HTML 175Page - Microchip Technology PIC17C752 Datasheet HTML 176Page - Microchip Technology PIC17C752 Datasheet HTML 177Page - Microchip Technology PIC17C752 Datasheet HTML 178Page - Microchip Technology PIC17C752 Datasheet HTML 179Page - Microchip Technology PIC17C752 Datasheet HTML 180Page - Microchip Technology PIC17C752 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 177
PIC17C75X
17.0 SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits to deal with the needs of
real-time applications. The PIC17CXXX family has a
host of such features intended to maximize system reli-
ability, minimize cost through elimination of external
components, provide power saving operating modes
and offer code protection. These are:
• Oscillator selection (Section 4.0)
• Reset (Section 5.0)
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts (Section 6.0)
• Watchdog Timer (WDT)
• SLEEP mode
• Code protection
The PIC17CXXX has a Watchdog Timer which can be
shutoff only through EPROM bits. It runs off its own RC
oscillator for added reliability. There are two timers that
offer necessary delays on power-up. One is the Oscil-
lator Start-up Timer (OST), intended to keep the chip in
RESET until the crystal oscillator is stable. The other is
the Power-up Timer (PWRT), which provides a fixed
delay of 96 ms (nominal) on power-up only, designed to
keep the part in RESET while the power supply stabi-
lizes. With these two timers on-chip, most applications
need no external reset circuitry.
The SLEEP mode is designed to offer a very low cur-
rent power-down mode. The user can wake from
SLEEP through external reset, Watchdog Timer Reset
or through an interrupt. Several oscillator options are
also made available to allow the part to fit the applica-
tion. The RC oscillator option saves system cost while
the LF crystal option saves power. Configuration bits
are used to select various options. This configuration
word has the format shown in Figure 17-1.
FIGURE 17-1: CONFIGURATION WORDS
U - x
R/P - 1
R/P - 1
U - x
U - x
U - x
U - x
U - x
U - x
High (H) Table Read Addr.
—
PM2
BODEN
—
—
—
—
—
—
FE0Fh - FE08h
bit15
bit 8 bit 7
bit 0
U - x
U - x
R/P - 1
U - x R/P - 1
R/P - 1
R/P - 1
R/P - 1
R/P - 1
Low (L) Table Read Addr.
—
—
PM1
—
PM0
WDTPS1 WDTPS0
FOSC1
FOSC0 FE07h - FE00h
bit15
bit 8 bit 7
bit 0
bit 6H
BODEN: Brown-out Detect Enable
1 =
Brown-out Detect circuitry is enabled
0 =
Brown-out Detect circuitry is disabled
bits 7H:6L:4L
PM2, PM1, PM0, Processor Mode Select bits
111 =
Microprocessor Mode
110 = Microcontroller mode
101 =
Extended microcontroller mode
000 =
Code protected microcontroller mode
bits 2L:3L
WDTPS1:WDTPS0, WDT Postscaler Select bits
11 =
WDT enabled, postscaler = 1
10 =
WDT enabled, postscaler = 256
01 =
WDT enabled, postscaler = 64
00 =
WDT disabled, 16-bit overflow timer
bits 1L:0L
FOSC1:FOSC0, Oscillator Select bits
11 =
EC oscillator
10 =
XT oscillator
01 =
RC oscillator
00 =
LF oscillator
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com