Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C770-04/SS Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16C770-04/SS
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770-04/SS Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16C770-04/SS Datasheet HTML 62Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 63Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 64Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 65Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 66Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 67Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 68Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 69Page - Microchip Technology PIC16C770-04/SS Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 200 page
background image
PIC16C717/770/771
DS41120A-page 66
Advanced Information
© 1999 Microchip Technology Inc.
8.3.7
SYSTEM IMPLEMENTATION
When the ECCP module is used in the PWM mode, the
application hardware must use the proper external pull-
up and/or pull-down resistors on the PWM output pins.
When the microcontroller powers up, all of the I/O pins
are in the high-impedance state. The external pull-up
and pull-down resistors must keep the power switch
devices in the off state until the microcontroller drives
the I/O pins with the proper signal levels, or activates
the PWM output(s).
8.3.8
START-UP CONSIDERATIONS
Prior to enabling the PWM outputs, the P1A, P1B, P1C
and P1D latches may not be in the proper states.
Enabling the TRISB bits for output at the same time
with the CCP module may cause damage to the power
switch devices. The CCP1 module must be enabled in
the proper output mode with the TRISB bits enabled as
inputs. Once the CCP1 completes a full PWM cycle, the
P1A, P1B, P1C and P1D output latches are properly
initialized. At this time, the TRISB bits can be enabled
for outputs to start driving the power switch devices.
The completion of a full PWM cycle is indicated by the
TMR2IF bit going from a ’0’ to a ’1’.
8.3.9
SET UP FOR PWM OPERATION
The following steps should be taken when configuring
the ECCP module for PWM operation:
1.
Configure the PWM module:
a)
Disable the CCP1/P1A, P1B, P1C and/or
P1D outputs by setting the respective
TRISB bits.
b)
Set the PWM period by loading the PR2
register.
c)
Set the PWM duty cycle by loading the
CCPR1L register and CCP1CON<5:4>
bits.
d)
Configure the ECCP module for the desired
PWM operation by loading the CCP1CON
register. With the CCP1M<3:0> bits select
the active high/low levels for each PWM
output. With the PWM1M<1:0> bits select
one of the available output modes: Single,
Half-Bridge, Full-Bridge, Forward or Full-
Bridge Reverse.
e)
For Half-Bridge output mode, set the dead-
band delay by loading the P1DEL register.
2.
Configure and start TMR2:
a)
Clear the TMR2 interrupt flag bit by clearing
the TMR2IF bit in the PIR1 register.
b)
Set the TMR2 prescale value by loading the
T2CKPS<1:0> bits in the T2CON register.
c)
Enable Timer2 by setting the TMR2ON bit
in the T2CON register.
3.
Enable PWM outputs after a new cycle has
started:
a)
Wait until TMR2 overflows (TMR2IF bit
becomes a ’1’). The new PWM cycle begins
here.
b)
Enable the CCP1/P1A, P1B, P1C and/or
P1D pin outputs by clearing the respective
TRISB bits.
TABLE 8-3:
REGISTERS ASSOCIATED WITH PWM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
resets
0Bh, 8Bh,
10Bh,
18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
—
ADIF
—
—
SSPIF
CCP1IF
TMR2IF
TMR1IF
-0-- 0000
-0-- 0000
8Ch
PIE1
—
ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
-0-- 0000
-0-- 0000
86h, 186h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
11h
TMR2
Timer2 register
0000 0000
0000 0000
92h
PR2
Timer2 period register
1111 1111
1111 1111
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
15h
CCPR1L
Capture/Compare/PWM register1 (LSB)
xxxx xxxx
uuuu uuuu
17h
CCP1CON
PWM1M1
PWM1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
0000 0000
97h
P1DEL
PWM1 Delay value
0000 0000
0000 0000
Legend:
Legend:
x = unknown, u = unchanged, - = unimplemented read as ’0’. Shaded cells are not used by Capture and Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com