Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-2.5/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-2.5/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3855ES-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
7 Pin Configuration and Functions
SOT-223 (NDC)
5 Pins
Top View
5 Pins
5 Pins
DDPAK/TO-263 (KTT)
TO-220 (NDH)
Top View
Top View, Bent, Staggered Leads
Pin Functions for SOT-223
PIN
LP3852
LP3855
I/O
DESCRIPTION
NAME
NDC
NDC
ERROR
4
N/A
O
ERROR flag
GND
5
5
—
Ground
IN
2
2
I
Input supply
OUT
3
3
O
Output voltage
SD
1
1
I
Shutdown
SENSE
N/A
4
I
Remote sense pin
Pin Functions for TO-220 and TO-263
PIN
LP3852
LP3855
I/O
DESCRIPTION
NAME
KTT/NDH
KTT/NDH
ERROR
5
N/A
O
ERROR flag
GND
3
3
—
Ground
IN
2
2
I
Input supply
OUT
4
4
O
Output voltage
SD
1
1
I
Shutdown
SENSE
N/A
5
I
Remote sense pin
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com