Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-2.5/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-2.5/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3855ES-2.5/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 17Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 18Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 19Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 20Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 21Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 22Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
12.3 RFI and/or EMI Susceptibility
Radio frequency interference (RFI) and electromagnetic interference (EMI) can degrade any integrated circuit
performance because of the small dimensions of the geometries inside the device. In applications where circuit
sources are present which generate signals with significant high frequency energy content (> 1 MHz), care must
be taken to ensure that this does not affect the device regulator.
If RFI and/or EMI noise is present on the input side of the regulator (such as applications where the input source
comes from the output of a switching regulator), good ceramic bypass capacitors must be used at the IN pin of
the device.
If a load is connected to the device output which switches at high speed (such as a clock), the high-frequency
current pulses required by the load must be supplied by the capacitors on the device output. Since the bandwidth
of the regulator loop is less than 100 kHz, the control circuitry cannot respond to load changes above that
frequency. This means the effective output impedance of the device at frequencies above 100 kHz is determined
only by the output capacitor or capacitors.
In applications where the load is switching at high speed, the output of the IC may need RF isolation from the
load. It is recommended that some inductance be placed between the output capacitor and the load, and good
RF bypass capacitors be placed directly across the load.
PCB layout is also critical in high noise environments, since RFI and/or EMI is easily radiated directly into PC
traces. Noisy circuitry should be isolated from "clean" circuits where possible, and grounded through a separate
path. At MHz frequencies, ground planes begin to look inductive and RFI and/or EMI can cause ground bounce
across the ground plane.
In multi-layer PCB applications, care should be taken in layout so that noisy power and ground planes do not
radiate directly into adjacent layers which carry analog power and ground.
12.4 Power Dissipation/Heatsinking
The LP3852 and LP3855 can deliver a continuous current of 1.5 A over the full operating temperature range. A
heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The total power dissipation of the device is given by:
PD = (VIN − VOUT)IOUT+ (VIN)IGND
where
•
IGND is the operating ground current of the device (specified under Electrical Characteristics).
(1)
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax − TAmax
(2)
The maximum allowable value for junction to ambient thermal resistance, RθJA, can be calculated using the
formula:
RθJA = TRmax / PD
(3)
The LP3852 and LP3855 are available in TO-220 and TO-263 packages. The thermal resistance depends on
amount of copper area or heat sink, and on air flow. If the maximum allowable value of RθJA calculated in
Equation 3 is
≥ 60 °C/W for TO-220 package and ≥ 60°C/W for TO-263 package, no heatsink is needed since
the package can dissipate enough heat to satisfy these requirements. If the value for allowable RθJA falls below
these limits, a heat sink is required.
12.4.1 Heatsinking TO-220 Package
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat sink or a copper plane on
a PC board. If a copper plane is to be used, the values of RθJA will be same as shown in next section for TO-263
package.
The heatsink to be used in the application should have a heatsink to ambient thermal resistance,
RθHA≤ RθJA − RθCH − RθJC.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com