Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3855ES-2.5/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-2.5/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-2.5/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3855ES-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-2.5/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, IOUT = 10 mA, COUT = 10 µF, VSD = 2 V, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Isink = 100 µA
0.02
VEF(Sat)
ERROR pin saturation
V
For –40°C
≤ TJ ≤ 125°C
0.1
Td
Flag reset delay
1
µs
Ilk
ERROR pin leakage current
1
nA
Imax
ERROR pin sink current
VError = 0.5 V
1
mA
AC PARAMETERS
VIN = VOUT + 1 V
COUT = 10 µF
73
VOUT = 3.3V, f = 120 Hz
PSRR
Ripple rejection
dB
VIN = VOUT + 0.5 V
COUT = 10 µF
57
VOUT = 3.3V, f = 120 Hz
ρn(l/f)
Output noise density
f = 120 Hz
0.8
µV
BW = 10Hz – 100 kHz
150
VOUT = 2.5 V
en
Output noise voltage
µV (rms)
BW = 300 Hz – 300 kHz
100
VOUT = 2.5 V
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com