Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/CL Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 27Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 28Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 29Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 30Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 31Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 32Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 33Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 34Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 31
PIC17C7XX
6.0
INTERRUPTS
PIC17C7XX devices have 18 sources of interrupt:
• External interrupt from the RA0/INT pin
• Change on RB7:RB0 pins
• TMR0 Overflow
• TMR1 Overflow
• TMR2 Overflow
• TMR3 Overflow
• USART1 Transmit buffer empty
• USART1 Receive buffer full
• USART2 Transmit buffer empty
• USART2 Receive buffer full
• SSP Interrupt
• SSP I2C bus collision interrupt
• A/D conversion complete
• Capture1
• Capture2
• Capture3
• Capture4
• T0CKI edge occurred
There are six registers used in the control and status of
interrupts. These are:
• CPUSTA
• INTSTA
• PIE1
• PIR1
• PIE2
• PIR2
The CPUSTA register contains the GLINTD bit. This is
the Global Interrupt Disable bit. When this bit is set, all
interrupts are disabled. This bit is part of the controller
core functionality and is described in the Section 6.4.
When an interrupt is responded to, the GLINTD bit is
automatically set to disable any further interrupts, the
return address is pushed onto the stack and the PC is
loaded with the interrupt vector address. There are four
interrupt vectors. Each vector address is for a specific
interrupt source (except the peripheral interrupts which
all vector to the same address). These sources are:
• External interrupt from the RA0/INT pin
• TMR0 Overflow
• T0CKI edge occurred
• Any peripheral interrupt
When program execution vectors to one of these inter-
rupt vector addresses (except for the peripheral inter-
rupts), the interrupt flag bit is automatically cleared.
Vectoring to the peripheral interrupt vector address
does not automatically clear the source of the interrupt.
In the peripheral interrupt service routine, the source(s)
of the interrupt can be determined by testing the inter-
rupt flag bits. The interrupt flag bit(s) must be cleared
in software before re-enabling interrupts to avoid infi-
nite interrupt requests.
When an interrupt condition is met, that individual inter-
rupt flag bit will be set regardless of the status of its cor-
responding mask bit or the GLINTD bit.
For external interrupt events, there will be an interrupt
latency.
For two cycle instructions, the latency could
be one instruction cycle longer.
The “return from interrupt” instruction, RETFIE, can be
used to mark the end of the interrupt service routine.
When this instruction is executed, the stack is “POPed”,
and the GLINTD bit is cleared (to re-enable interrupts).
FIGURE 6-1:
INTERRUPT LOGIC
RBIF
RBIE
TMR3IF
TMR3IE
TMR2IF
TMR2IE
TMR1IF
TMR1IE
CA2IF
CA2IE
CA1IF
CA1IE
TX1IF
TX1IE
RC1IF
RC1IE
T0IF
T0IE
INTF
INTE
T0CKIF
T0CKIE
GLINTD (CPUSTA<4>)
PEIE
Wake-up (If in SLEEP mode)
or terminate long write
Interrupt to CPU
PEIF
SSPIF
SSPIE
BCLIF
BCLIE
ADIF
ADIE
CA4IF
CA4IE
CA3IF
CA3IE
TX2IF
TX2IE
RC2IF
RC2IE
INTSTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com