Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/CL Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 53Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 54Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 55Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 56Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 57Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 58Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 59Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 60Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 57
PIC17C7XX
8.0
TABLE READS AND TABLE
WRITES
The PIC17C7XX has four instructions that allow the
processor to move data from the data memory space
to the program memory space, and vice versa. Since
the program memory space is 16-bits wide and the
data memory space is 8-bits wide, two operations are
required to move 16-bit values to/from the data mem-
ory.
The TLWT t,f and TABLWT t,i,f instructions are
used to write data from the data memory space to the
program
memory
space. The
TLRD
t,f
and
TABLRD
t,i,f
instructions are used to write data
from the program memory space to the data memory
space.
The program memory can be internal or external. For
the program memory access to be external, the device
needs to be operating in microprocessor or extended
microcontroller mode.
Figure 8-1 through Figure 8-4 show the operation of
these four instructions. The steps show the sequence
of operation.
FIGURE 8-1:
TLWT
INSTRUCTION
OPERATION
TABLE POINTER
TABLE LATCH (16-bit)
Program Memory
Data
Memory
TBLPTRH
TBLPTRL
TABLATH
TABLATL
f
TLWT 1,f
TLWT 0,f
1
Step 1: 8-bit value, from register 'f', loaded into the
high or low byte in TABLAT (16-bit).
FIGURE 8-2:
TABLWT
INSTRUCTION
OPERATION
TABLE POINTER
TABLE LATCH (16-bit)
Program Memory
Data
Memory
TBLPTRH
TBLPTRL
TABLATH
TABLATL
f
TABLWT 1,i,f
TABLWT 0,i,f
1
Prog-Mem
(TBLPTR)
2
Step 1: 8-bit value, from register 'f', loaded into the
high or low byte in TABLAT (16-bit).
2: 16-bit TABLAT value written to address Pro-
gram Memory (TBLPTR).
3: If “i” = 1, then TBLPTR = TBLPTR + 1,
If “i” = 0, then TBLPTR is unchanged.
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com