Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752-08/CL Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 167Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 168Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 169Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 170Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 171Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 172Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 173Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 174Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 171
PIC17C7XX
15.2.18.2 BUS COLLISION DURING A REPEATED
START CONDITION
During a Repeated Start condition, a bus collision
occurs if:
a)
A low level is sampled on SDA when SCL goes
from low level to high level.
b)
SCL goes low before SDA is asserted low, indi-
cating that another master is attempting to trans-
mit a data ’1’.
When the user de-asserts SDA and the pin is allowed
to float high, the BRG is loaded with SSPADD<6:0>,
and counts down to 0.
The SCL pin is then
de-asserted, and when sampled high, the SDA pin is
sampled. If SDA is low, a bus collision has occurred
(i.e. another master is attempting to transmit a data
’0’). If however SDA is sampled high then the BRG is
reloaded and begins counting. If SDA goes from high
to low before the BRG times out, no bus collision
occurs, because no two masters can assert SDA at
exactly the same time.
If, however, SCL goes from high to low before the BRG
times out and SDA has not already been asserted,
then a bus collision occurs. In this case, another mas-
ter is attempting to transmit a data ’1’ during the
Repeated Start condition.
If at the end of the BRG time out both SCL and SDA
are still high, the SDA pin is driven low, the BRG is
reloaded, and begins counting.
At the end of the
count, regardless of the status of the SCL pin, the SCL
pin is driven low and the Repeated Start condition is
complete. (Figure 15-41)
FIGURE 15-41: BUS COLLISION DURING A REPEATED START CONDITION (CASE 1)
FIGURE 15-42: BUS COLLISION DURING REPEATED START CONDITION (CASE 2)
SDA
SCL
RSEN
BCLIF
S
SSPIF
Sample SDA when SCL goes high.
If SDA = 0, set BCLIF and release SDA and SCL
Cleared in software
'0'
'0'
'0'
'0'
SDA
SCL
BCLIF
RSEN
S
SSPIF
Interrupt cleared
in software
SCL goes low before SDA,
Set BCLIF. Release SDA and SCL
TBRG
TBRG
'0'
'0'
'0'
'0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com