Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1307 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1307 Datasheet HTML 12Page - Microchip Technology TC1307 Datasheet HTML 13Page - Microchip Technology TC1307 Datasheet HTML 14Page - Microchip Technology TC1307 Datasheet HTML 15Page - Microchip Technology TC1307 Datasheet HTML 16Page - Microchip Technology TC1307 Datasheet HTML 17Page - Microchip Technology TC1307 Datasheet HTML 18Page - Microchip Technology TC1307 Datasheet HTML 19Page - Microchip Technology TC1307 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC1307
DS21702A-page 16
 2002 Microchip Technology Inc.
5.0
APPLICATIONS
5.1
Load Partitioning
The TC1307 can be used to power two separate chan-
nels for a wide range of applications. Each channel can
be turned ON and OFF independently of the other. In
this example, the SELECT12 pin is tied to VIN and the
SELECT34 pin is tied to GND. The output voltages of
VOUT1 and VOUT2 are 3.0V and the output voltage of
VOUT3 and VOUT4 are 1.8V. If VOUT1 and VOUT3 were
powering 1 Channel and VOUT2 and VOUT4 were pow-
ering an identical Channel, either Channel could be
powered independent of the other Channel. The output
voltage of VOUT1 is being monitored by the internal volt-
age detection circuit. When the output of VOUT1 is
below the typical 2.63V threshold voltage, the RESET
output will transition low.
5.2
Input Capacitor
Low input source impedance is necessary for the LDO
to operate properly. When operating off of batteries or
in applications with long lead length (>10”) between the
input source and the LDO, some input capacitance is
required. A minimum of 2.2 µF is recommended for
most applications and the capacitor should be placed
as close to the input of the LDO as practical (>0.2”).
Larger input capacitors will help reduce the input
impedance and further reduce any high frequency
noise on the input and output of the LDO. If more than
1 µF of capacitance is used on the LDO outputs, a
4.7 µF input capacitor is recommended.
5.3
Output Capacitor
A minimum output capacitance of 1 µF for the TC1307
is required for stability. The esr requirements on the
output capacitor are between 0 and 2 ohms. The output
capacitor should be located as close to the LDO output
as practical. Ceramic materials X7R and X5R have low
temperature coefficients and are well within the accept-
able esr range required. A typical 1 µF X5R 0805
capacitor has an esr of 50 milli-ohms. Larger output
capacitors can be used with the TC1307 to improve
dynamic behavior, noise and ripple rejection perfor-
mance.
5.4
Power Dissipation
The internal power loading within the TC1307 is a func-
tion of input voltage, output voltage, output current, qui-
escent current and RESET output dissipation. For
many applications the power dissipation within the lin-
ear P-Channel device can be used as a good approxi-
mation of total power dissipation. This is due to the low
quiescent current consumed even when the LDO out-
put is providing full load current (150 mA).
FIGURE 5-1:
Typical 4 Output with RESET Application.
TC1307
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VDET
SHDN1
SHDN3
SHDN4
SHDN2
SELECT12
SELECT34
VIN
VIN
VIN
RESET
VOUT1
VOUT2
VOUT3
VOUT4
GND
Battery
Input
1µF
1µF
1µF
1µF
4.7 µF
Shutdown #2
Shutdown #1
Shutdown #4
Shutdown #3
Controller
MCLR
or
RESET
VDD
+3.0V
+3.0V
+1.8V
+1.8V
Micro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com